Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTUD16211MTD Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSTUD16211MTD
Description  24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD16211MTD Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSTUD16211MTD Datasheet HTML 1Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 2Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 3Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 4Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 5Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 6Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 7Page - Fairchild Semiconductor FSTUD16211MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 5)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 3: VS is the voltage observed/applied at either A or B Ports across the
switch.
Note 4: The input and output negative voltage ratings may be exceeded if
the input and output diode current ratings are observed.
Note 5: Unused control inputs must be held HIGH or LOW. They may not
float.
DC Electrical Characteristics
Note 6: Typical values are at VCC = 5.0V and TA= +25°C
Note 7: Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is determined by the lower of the
voltages on the two (A or B) pins.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Switch Voltage (VS) (Note 3)
−2.0V to +7.0V
DC Input Control Pin Voltage (VIN)(Note 4)
−0.5V to +7.0V
DC Input Diode Current (lIK) VIN < 0V
−50 mA
DC Output (IOUT)
128 mA
DC VCC/GND Current (ICC/IGND)
+/− 100 mA
Storage Temperature Range (TSTG)
−65°C to +150 °C
Power Supply Operating (VCC)
4.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)
0V to 5.5V
Input Rise and Fall Time (tr, tf)
Switch Control Input
0 ns/V to 5 ns/V
Switch I/O
0 ns/V to DC
Free Air Operating Temperature (TA)-40 °C to +85 °C
Symbol
Parameter
VCC
(V)
TA = −40 °C to +85 °C
Units
Conditions
Min
Typ
(Note 6)
Max
VIK
Clamp Diode Voltage
4.5
−1.2
V
IIN = −18 mA
VIH
HIGH Level Input Voltage
4.5–5.5
2.0
V
VIL
LOW Level Input Voltage
4.5–5.5
0.8
V
VOH
HIGH Level
4.5–5.5
See Figure 4
V
II
Input Leakage Current
5.5
±1.0
µA0 ≤ V
IN ≤ 5.5V
010
µAV
IN = 5.5V
IOZ
OFF-STATE Leakage Current
5.5
±1.0
µA0 ≤ A, B ≤ V
CC
RON
Switch On Resistance
4.5
4
7
VIN = 0V, IIN = 64 mA
(Note 7)
4.5
4
7
VIN = 0V, IIN = 30 mA
4.5
35
50
VIN = 2.4V, IIN = 15 mA
ICC
Quiescent Supply Current
5.5
1.5
mA
OE1 = OE2 = GND
VIN = VCC or GND, IOUT = 0
10
µA
OE1 = OE2 = VCC
VIN = VCC or GND, IOUT = 0
∆ I
CC
Increase in ICC per Input
5.5
2.5
mA
One Input at 3.4V
Other Inputs at VCC or GND
VIKU
Voltage Undershoot
5.5
−2.0
V
0.0 mA
≥ I
IN ≥ −50 mA
OE1, 2 = 5.5V


Similar Part No. - FSTUD16211MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211MTD FAIRCHILD-FSTUD16211MTD Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
More results

Similar Description - FSTUD16211MTD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU3384 FAIRCHILD-FSTU3384_06 Datasheet
109Kb / 5P
   10-Bit Bus Switch with −2V Undershoot Protection
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384_06 Datasheet
250Kb / 6P
   20-Bit Low Power Bus Switch with −2V Undershoot Protection
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com