Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB22BQX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSUSB22BQX
Description  Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22BQX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSUSB22BQX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB22BQX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB22BQX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22BQX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22BQX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22BQX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22BQX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22BQX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22BQX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Typical values are at VCC 3.3V and TA 25qC
USB Related AC Electrical Characteristics (Note 9)
Note 9: Typical values are at VCC 3.3V and TA 25qC
Capacitance (Note 10)
Note 10: Typical values are at VCC 3.3V and TA 25qC
FIGURE 1. Gain vs. Frequency
Symbol
Parameter
VCC
(V)
TA 40qC to 85qC
Units
Conditions
Figure
Number
Min
Typ
(Note 8)
Max
tON
Turn ON Time S-to-Bus B
3.0 to 3.6
4.5
6.0
ns
Figures
5, 6
tOFF
Turn OFF Time S-to-Bus B
3.0 to 3.6
2.5
4.0
ns
Figures
5, 6
tPD
Propagation Delay
3.0 to 3.6
0.25
ns
CL 10 pF
Figure
10
OIRR
Non-Adjacent OFF-Isolation
3.0 to 3.6
30.0
dB
f
250MHz, RL 50:
Figure 7
XTALK
Non-Adjacent Channel Crosstalk
3.0 to 3.6
38.0
dB
RL 50:, f 250MHz
Figure 8
BW
3dB Bandwidth
3.0 to 3.6
750
MHz
RL 50:
Figure 9
Symbol
Parameter
VCC
TA 40qC to 85qC
Units
Conditions
Figure
(V)
Min
Typ
Max
Number
tSK(O)
Channel-to-Channel Skew
3.0 to 3.6
0.051
ns
CL 10 pF
Figures
10, 11
tSK(P)
Skew of Opposite Transition
3.0 to 3.6
0.020
ns
CL 10 pF
Figures
10, 11
of the Same Output
TJ
Total Jitter
3.0 to 3.6
0.210
ns
RL 50:, CL 10 pF
tR tF 750ps at 480 Mbps
Symbol
Parameter
TA 40qC to 85qC
Units
Conditions
Typ
CIN
Control Pin Input Capacitance
2.5
pF
VCC 0V
CON
A/B ON Capacitance
12.0
pF
VCC 3.3V, OE 0V
COFF
Port B OFF Capacitance
4.5
pF
VCC and OE 3.3V


Similar Part No. - FSUSB22BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB22BQX FAIRCHILD-FSUSB22BQX Datasheet
337Kb / 11P
   Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB22BQX FAIRCHILD-FSUSB22BQX Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB22BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com