Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB30 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSUSB30
Description  Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSUSB30_07 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30_07 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30_07 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30_07 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30_07 Datasheet HTML 9Page - Fairchild Semiconductor FSUSB30_07 Datasheet HTML 10Page - Fairchild Semiconductor FSUSB30_07 Datasheet HTML 11Page - Fairchild Semiconductor FSUSB30_07 Datasheet HTML 12Page - Fairchild Semiconductor FSUSB30_07 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.5
9
Figure 12. Channel Off Isolation
Figure 13. Non-Adjacent Channel-to-Channel Crosstalk
Figure 14. Channel On Capacitance
Figure 15. Channel Off Capacitance
RT
RS
VIN
FSUSB30
GND
VSel
Network Analyzer
VOUT
GND
VS
GND
GND
OFF-Isolation = 20 Log (VOUT / VIN)
RT
GND
GND
RT
RS
VIN
FSUSB30
GND
VSel
Network Analyzer
VOUT
GND
NC
VS
GND
GND
RS and RT are functions of the application environment
(50, 75 or 100
Ω)
Crosstalk = 20 Log (VOUT / VIN)
RT
GND
GND
FSUSB30
S
Dn
Capacitance
Meter
f = 240MHz
VSel = 0 or VCC
D1n, D2n
FSUSB30
S
Dn
Capacitance
Meter
f = 240MHz
VSel = 0 or VCC
D1n, D2n


Similar Part No. - FSUSB30_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_08 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB30_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com