Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXLP34L6X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FXLP34L6X
Description  Single Bit Uni-Directional Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLP34L6X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FXLP34L6X Datasheet HTML 1Page - Fairchild Semiconductor FXLP34L6X Datasheet HTML 2Page - Fairchild Semiconductor FXLP34L6X Datasheet HTML 3Page - Fairchild Semiconductor FXLP34L6X Datasheet HTML 4Page - Fairchild Semiconductor FXLP34L6X Datasheet HTML 5Page - Fairchild Semiconductor FXLP34L6X Datasheet HTML 6Page - Fairchild Semiconductor FXLP34L6X Datasheet HTML 7Page - Fairchild Semiconductor FXLP34L6X Datasheet HTML 8Page - Fairchild Semiconductor FXLP34L6X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.fairchildsemi.com
FXLP34 Rev. 1.0.3
DC Electrical Characteristics
Symbol Parameter Conditions
VCC (V)
VCC1 (V)
TA = +25°C
TA = -40˚C to +85°C
Units
Min.
Max.
Min.
Max.
VIH
HIGH Level
Input
Voltage
(VCC1)
1.0 to 3.6
1.0
1.10
≤ V
CC1 ≤ 1.30
1.40
≤ V
CC1 ≤ 1.60
1.65
≤ V
CC1 ≤ 1.95
2.30
≤ V
CC1 ≤ 2.70
3.00
≤ V
CC1 ≤ 3.60
0.65 x VCC1
0.65 x VCC1
0.65 x VCC1
0.65 x VCC1
1.6
2.1
0.65 x VCC1
0.65 x VCC1
0.65 x VCC1
0.65 x VCC1
1.6
2.1
V
VIL
LOW Level
Input
Voltage
1.0 to 3.6
1.0
1.10
≤ V
CC1 ≤ 1.30
1.40
≤ V
CC1 ≤ 1.60
1.65
≤ V
CC1 ≤ 1.95
2.30
≤ V
CC1 ≤ 2.70
3.00
≤ V
CC1 ≤ 3.60
0.35 x VCC1
0.35 x VCC1
0.35 x VCC1
0.35 x VCC1
0.7
0.9
0.35 x VCC1
0.35 x VCC1
0.35 x VCC1
0.35 x VCC1
0.7
0.9
V
VOH
HIGH Level
Output
Voltage
(VCC)
IOH = -20µA
1.0
1.10
≤ V
CC1 ≤ 1.30
1.40
≤ V
CC1 ≤ 1.60
1.65
≤ V
CC1 ≤ 1.95
2.30
≤ V
CC1 ≤ 2.70
3.00
≤ V
CC1 ≤ 3.60
1.0 to 3.6
VCC – 0.1
VCC – 0.1
VCC – 0.1
VCC – 0.1
VCC – 0.1
VCC – 0.1
VCC – 0.1
VCC – 0.1
VCC – 0.1
VCC – 0.1
VCC – 0.1
VCC – 0.1
V
IOH = -0.5mA
1.10
≤ V
CC ≤ 1.30
1.0 to 3.6
0.75 x VCC
0.70 x VCC
IOH = -1.0mA
1.40
≤ V
CC ≤ 1.60
1.0 to 3.6
1.07
0.99
IOH = -1.5mA
1.65
≤ V
CC ≤ 1.95
1.0 to 3.6
1.24
1.22
IOH = -2.1mA
2.30
≤ V
CC ≤ 2.70
1.0 to 3.6
1.95
1.87
IOH = -2.6mA
3.00
≤ V
CC ≤ 3.60
1.0 to 3.6
2.61
2.55
VOL
LOW Level
Output
Voltage
IOL = 20µA
1.0
1.10
≤ V
CC1 ≤ 1.30
1.40
≤ V
CC1 ≤ 1.60
1.65
≤ V
CC1 ≤ 1.95
2.30
≤ V
CC1 ≤ 2.70
3.00
≤ V
CC1 ≤ 3.60
1.0 to 3.6
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
IOL = 0.5mA
1.10
≤ V
CC ≤ 1.30
1.0 to 3.6
0.30 x VCC
0.30 x VCC
IOL = 1.0mA
1.40
≤ V
CC ≤ 1.60
1.0 to 3.6
0.31
0.37
IOL = 1.5mA
1.65
≤ V
CC ≤ 1.95
1.0 to 3.6
0.31
0.35
IOL = 2.1mA
2.30
≤ V
CC ≤ 2.70
1.0 to 3.6
0.31
0.33
IOL = 2.6mA
3.00
≤ V
CC ≤ 3.60
1.0 to 3.6
0.31
0.33
IIN
Input
Leakage
Current
0
≤ V
I ≤ 3.6V
1.0 to 3.60
±0.1
±1.0
µA
IOFF
Power Off
Leakage
Current
0
≤ (V
I, VO)
≤ 3.6V
0
0
1.0
5.0
µA
ICC
Quiescent
Supply
Current
VI = VCC or
GND
1.0 to 3.60
1.0 to 3.6
0.9
5.0
µA


Similar Part No. - FXLP34L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP34L6X FAIRCHILD-FXLP34L6X Datasheet
322Kb / 11P
   Single Bit Uni-Directional Translator
FXLP34L6X FAIRCHILD-FXLP34L6X Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
logo
ON Semiconductor
FXLP34L6X ONSEMI-FXLP34L6X Datasheet
623Kb / 14P
   Single Bit Uni-Directional Translator
March 2011 Rev. 1.0.4
logo
Fairchild Semiconductor
FXLP34L6X FAIRCHILD-FXLP34L6X_11 Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
More results

Similar Description - FXLP34L6X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLP34 FAIRCHILD-FXLP34_11 Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
logo
ON Semiconductor
FXLP34 ONSEMI-FXLP34 Datasheet
623Kb / 14P
   Single Bit Uni-Directional Translator
March 2011 Rev. 1.0.4
logo
Fairchild Semiconductor
FXLP34FHX FAIRCHILD-FXLP34FHX Datasheet
680Kb / 12P
   Single Bit Uni-Directional Translator
FXLP34 FAIRCHILD-FXLP34 Datasheet
322Kb / 11P
   Single Bit Uni-Directional Translator
logo
Rectron Semiconductor
TEP12T RECTRON-TEP12T Datasheet
293Kb / 5P
   Single Line Uni-directional Transient Voltage Suppressor
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000_03 Datasheet
108Kb / 13P
   22-bit bi-directional low voltage translator
2003 Apr 01
GTL2002 PHILIPS-GTL2002 Datasheet
114Kb / 14P
   2-bit bi-directional low voltage translator
2004 Sep 29
logo
JFW Industries, Inc.
50FHLB-XXX-100 JFW-50FHLB-XXX-100 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
50HF-XXX-100-6 JFW-50HF-XXX-100-6 Datasheet
28Kb / 1P
   FIXED ATTENUATOR UNI-DIRECTIONAL
50FHIQ-XXX-1000 JFW-50FHIQ-XXX-1000 Datasheet
27Kb / 1P
   UNI-DIRECTIONAL FIXED ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com