Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4503SDM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HCPL4503SDM
Description  High Speed Transistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503SDM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HCPL4503SDM Datasheet HTML 1Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503SDM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
www.fairchildsemi.com
HCPL4503M Rev. 1.0.2
Switching Characteristics (TA = 0 to 70°C unless otherwise specified., VCC = 5V)
** All Typicals at TA = 25°C
Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified)
Notes:
2.
The 1.9 k
Ω load represents 1 TTL unit load of 1.6 mA and 5.6 kΩ pull-up resistor.
3.
Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading
edge of the common mode pulse signal VCM, to assure that the output will remain in a logic high state
(i.e., VO>2.0V). Common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt
on the trailing edge of the common mode pulse signal, VCM, to assure that the output will remain in a logic low
state (i.e., VO<0.8V).
4.
Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
Symbol
Parameter
Test Conditions
Min.
Typ.**
Max.
Unit
TPHL
Propagation Delay
Time to Logic Low
RL = 1.9kΩ, IF = 16mA
(2) (Fig. 7)
TA = 25°C
0.45
0.8
µs
RL = 1.9kΩ, IF = 16mA
(2) (Fig. 7)
1.0
µs
TPLH
Propagation Delay
Time to Logic High
RL = 1.9kΩ, IF = 16mA
(2) (Fig. 7)
TA = 25°C
0.3
0.8
µs
RL = 1.9kΩ, IF = 16mA
(2) (Fig. 7)
1.0
µs
|CMH|
Common Mode
Transient Immunity at
Logic High
IF = 0 mA, VCM = 1,500VP-P,
TA = 25°C, RL = 1.9kΩ
(3)(Fig. 8)
15,000
50,000
V/µs
|CML|
Common Mode Transient
Immunity at Logic Low
IF = 16mA, VCM = 1,500VP-P,
RL = 1.9kΩ
(3) (Fig. 8)
15,000
30,000
V/µs
Symbol
Characteristics
Test Conditions
Min.
Typ.**
Max.
Unit
II-O
Input-Output
Insulation Leakage
Current
Relative humidity = 45%,
TA = 25°C, t = 5s,
VI-O = 3000VDC
(4)
1.0
µA
VISO
Withstand Insulation Test
Voltage
RH
≤ 50%, TA = 25°C,
II-O ≤ 2µA, t = 1 min.
(4)
5,000
VRMS
RI-O
Resistance
(input to output)
VI-O = 500VDC
1012
CI-O
Capacitance
(input to output)
f = 1MHz(4)
0.6
pF


Similar Part No. - HCPL4503SDM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL4503SDM FAIRCHILD-HCPL4503SDM Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503SDM FAIRCHILD-HCPL4503SDM Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL4503SDM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com