Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL4503SDVM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HCPL4503SDVM
Description  High Speed Transistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL4503SDVM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HCPL4503SDVM Datasheet HTML 1Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 2Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 3Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 4Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 5Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 6Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 7Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 8Page - Fairchild Semiconductor HCPL4503SDVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
HCPL4503M Rev. 1.0.2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature
260 for 10 sec
°C
EMITTER
IF (avg)
DC/Average Forward Input Current
25
mA
IF (pk)
Peak Forward Input Current (50% duty cycle, 1ms P.W.)
50
mA
IF (trans)
Peak Transient Input Current – (
≤1µs P.W., 300pps)
1.0
A
VR
Reverse Input Voltage
5
V
PD
Input Power Dissipation
100
mW
DETECTOR
IO (avg)
Average Output Current
8
mA
IO (pk)
Peak Output Current
16
mA
VCC
Supply Voltage
-0.5 to 30
V
VO
Output Voltage
-0.5 to 20
V
PD
Output power dissipation
100
mW


Similar Part No. - HCPL4503SDVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL4503SDVM FAIRCHILD-HCPL4503SDVM Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503SDVM FAIRCHILD-HCPL4503SDVM Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results

Similar Description - HCPL4503SDVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com