Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3106 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3106
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3106 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC3106 Datasheet HTML 1Page - Texas Instruments TLV320AIC3106 Datasheet HTML 2Page - Texas Instruments TLV320AIC3106 Datasheet HTML 3Page - Texas Instruments TLV320AIC3106 Datasheet HTML 4Page - Texas Instruments TLV320AIC3106 Datasheet HTML 5Page - Texas Instruments TLV320AIC3106 Datasheet HTML 6Page - Texas Instruments TLV320AIC3106 Datasheet HTML 7Page - Texas Instruments TLV320AIC3106 Datasheet HTML 8Page - Texas Instruments TLV320AIC3106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
TLV320AIC3106
SLAS509A – DECEMBER 2006 – REVISED APRIL 2007
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
• Power Supplies:
• Stereo Audio DAC
Analog: 2.7 V–3.6 V.
102-dBA Signal-to-Noise Ratio
Digital Core: 1.525 V–1.95 V
16/20/24/32-Bit Data
Digital I/O: 1.1 V–3.6 V
Supports Rates From 8 kHz to 96 kHz
• Packages: 5 × 5 mm 80-VFBGA;
7
× 7 mm 48-QFN (Future Product)
3D/Bass/Treble/EQ/De-Emphasis Effects
Flexible Power Saving Modes and
Performance are Available
• Digital Cameras
• Stereo Audio ADC
• Smart Cellular Phones
92-dBA Signal-to-Noise Ratio
Supports Rates From 8 kHz to 96 kHz
Digital Signal Processing and Noise
The TLV320AIC3106 is a low power stereo audio
Filtering Available During Record
codec with stereo headphone amplifier, as well as
• Ten Audio Input Pins
multiple
inputs
and
outputs
programmable
in
single-ended
or
fully
differential
configurations.
Programmable in Single-Ended or Fully
Extensive register- based power control is included,
Differential Configurations
enabling stereo 48-kHz DAC playback as low as 15
3-State Capability for Floating Input
mW from a 3.3-V analog supply, making it ideal for
Configurations
portable
battery-powered
audio
and
telephony
applications.
• Seven Audio Output Drivers
Stereo Fully Differential or Single-Ended
The record path of the TLV320AIC3106 contains
Headphone Drivers
integrated microphone bias, digitally controlled stereo
microphone preamplifier, and automatic gain control
Fully Differential Stereo Line Outputs
(AGC), with mix/mux capability among the multiple
Fully Differential Mono Output
analog inputs. Programmable filters are available
• Low Power: 15-mW Stereo 48-kHz Playback
during record which can remove audible noise that
With 3.3-V Analog Supply
can occur during optical zooming in digital cameras.
The playback path includes mix/mux capability from
• Ultra-Low Power Mode with Passive Analog
the
stereo
DAC
and
selected
inputs,
through
Bypass
programmable
volume
controls,
to
the
various
• Programmable Input/Output Analog Gains
outputs.
• Automatic Gain Control (AGC) for Record
The
TLV320AIC3106
contains
four
high-power
• Programmable Microphone Bias Level
output drivers as well as three fully differential output
• Programmable PLL for Flexible Clock
drivers. The high-power output drivers are capable of
driving a variety of load configurations, including up
Generation
to four channels of single-ended 16-
Ω headphones
• Control Bus Selectable SPI or I2C
using
ac-coupling
capacitors,
or
stereo
16-
• Audio Serial Data Bus Supports I2S,
headphones in a capacitorless output configuration.
Left/Right-Justified, DSP, and TDM Modes
• Alternate Serial PCM/I2S Data Bus for Easy
Connection to Bluetooth™ Module
• Concurrent Digital Microphone and Analog
Microphone Support Available
• Extensive Modular Power Control
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
MicroStar Junior is a trademark of Texas Instruments.
Bluetooth is a trademark of Bluetooth SIG, Inc.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2006–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV320AIC3106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3106 TI-TLV320AIC3106 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106 TI-TLV320AIC3106 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3106 TI-TLV320AIC3106 Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC3106

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com