Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2410PWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2410PWG4
Description  Full Featured N1 and ORing Power Rail Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2410PWG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2410PWG4 Datasheet HTML 1Page - Texas Instruments TPS2410PWG4 Datasheet HTML 2Page - Texas Instruments TPS2410PWG4 Datasheet HTML 3Page - Texas Instruments TPS2410PWG4 Datasheet HTML 4Page - Texas Instruments TPS2410PWG4 Datasheet HTML 5Page - Texas Instruments TPS2410PWG4 Datasheet HTML 6Page - Texas Instruments TPS2410PWG4 Datasheet HTML 7Page - Texas Instruments TPS2410PWG4 Datasheet HTML 8Page - Texas Instruments TPS2410PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS2410
TPS2411
SLVS727B – NOVEMBER 2006 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS: TPS2410/11 (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STAT
Sink current
V(STAT) = 0.4 V, V(A) = V(C) + 0.1 V
4
mA
Input threshold
VDD ≥ 3 V
VDD/2
V
Response time
From fast turn-off initiation
50
ns
Source pull-up resistance
30
46
60
k
FLTR
Filter resistance
R(FLTR-C)
520
TURN ON
TPS2410 forward turn-on and regulation
7
10
13
mV
voltage
TPS2410 forward turn-on / turn-off difference
R(RSET) = open
7
mV
TPS2411 forward turn-on voltage
7
10
13
mV
TURN OFF
GATE sinks > 10 mA at V(GATE-A) = 2 V
V(A-C) falling, R(RSET) = open
1
3
5
Fast turn-off threshold voltage
mV
V(A-C) falling, R(RSET) = 28.7 kΩ
-17
-13.25
-10
V(A-C) falling, R(RSET) = 3.24 kΩ
-170
-142
-114
Additional threshold shift with STAT held low
-157
mV
V(A) = 12 V, V(A-C): 20 mV → -20 mV,
Turn-off delay
70
ns
V(GATE-A) begins to decrease
V(A) = 12 V, C(GATE-GND) = 0.01 µF,
Turn-off time
V(A-C) : 20 mV → -20 mV,
130
ns
measure the period to V(GATE) = V(A)
GATE
VDD = 3 V, V(A-C) = 20 mV
6
7
8
Gate positive drive voltage, V(GATE-A)
V
5 V
≤ V
DD≤ 18 V, V(A-C) = 20 mV
9
10.2
11.5
Gate source current
V(A-C) = 50 mV, V(GATE-A) = 4 V
250
290
350
µA
Soft turn-off sink current (TPS2410)
V(A-C) = 4 mV, V(GATE-A) = 2 V
2
5
mA
V(A-C) = -0.1 V
V(GATE) = 8 V
1.75
2.35
A
Fast turn-off pulsed current, I(GATE)
V(GATE) = 5 V
1.25
1.75
Period
7.5
12.5
µs
V(A-C) = –0.1 V, V(C) = VDD, 3 ≤ VDD ≤ 18 V,
Sustain turn-off current, I(GATE)
15
19.5
mA
2 V
≤ V
(GATE) ≤ 18 V
MISCELLANEOUS
Thermal shutdown temperature
Temperature rising, TJ
135
°C
Thermal hysteresis
10
°C
4
Submit Documentation Feedback


Similar Part No. - TPS2410PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2410PW TI1-TPS2410PW Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410PW TI1-TPS2410PW Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2410PWR TI1-TPS2410PWR Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410PWR TI1-TPS2410PWR Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2410PWRG4 TI1-TPS2410PWRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
More results

Similar Description - TPS2410PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com