Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40077 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40077
Description  HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40077 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40077 Datasheet HTML 1Page - Texas Instruments TPS40077 Datasheet HTML 2Page - Texas Instruments TPS40077 Datasheet HTML 3Page - Texas Instruments TPS40077 Datasheet HTML 4Page - Texas Instruments TPS40077 Datasheet HTML 5Page - Texas Instruments TPS40077 Datasheet HTML 6Page - Texas Instruments TPS40077 Datasheet HTML 7Page - Texas Instruments TPS40077 Datasheet HTML 8Page - Texas Instruments TPS40077 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
TPS40077
SLUS714 – JANUARY 2007
The TPS40077 drives external N-channel MOSFETs using second-generation, predictive-gate drive to minimize
conduction in the body diode of the low-side FET and maximize efficiency. Pre-biased outputs are supported by
not allowing the low-side FET to turn on until the voltage commanded by the closed-loop soft start is greater
than the pre-bias voltage. Voltage feed-forward provides good response to input transients and provides a
constant PWM gain over a wide input-voltage operating range to ease compensation requirements.
Programmable short-circuit protection provides fault-current limiting and hiccup recovery to minimize power
dissipation with a shorted output. The 16-pin PowerPAD package gives good thermal performance and a
compact footprint.
ORDERING INFORMATION
PACKAGE
ORDERABLE PART NUMBER
Plastic HTSSOP (PWP)
Tube
TPS40077PWP
Plastic HTSSOP (PWP)
Tape and reel
TPS40077PWPR
over operating free-air temperature range unless otherwise noted(1)
TPS40077
UNIT
VDD, ILIM
30
COMP, FB, KFF, PGD, LVBP
–0.3 to 6
VVDD
Input voltage range
V
SW
–0.3 to 40
SW, transient < 50 ns
–2.5
COMP, KFF, RT, SS
–0.3 to 6
VBOOST
50
VOUT
Output voltage range
V
DBP
10.5
LVBP
6
Output current source
LDRV, HDRV
1.5
IOUT
LDRV, HDRV
2
A
Output current sink
KFF
10
RT
1
Output current
mA
LVBP
1.5
TJ
Operating junction temperature range
–40 to 125
Tstg
Storage temperature
–55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VDD
Input voltage
4.5
28
V
TA
Operating free-air temperature
–40
85
°C
UNIT
Human body model (HBM)
2000
V
Charged device model (CDM)
1500
V
2
Submit Documentation Feedback


Similar Part No. - TPS40077

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWP TI-TPS40077PWP Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPR TI-TPS40077PWPR Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Similar Description - TPS40077

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com