Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51511RHLR Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS51511RHLR
Description  Synchronous Switcher Controller With 2-A LDO for GPU Power
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51511RHLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS51511RHLR Datasheet HTML 4Page - Texas Instruments TPS51511RHLR Datasheet HTML 5Page - Texas Instruments TPS51511RHLR Datasheet HTML 6Page - Texas Instruments TPS51511RHLR Datasheet HTML 7Page - Texas Instruments TPS51511RHLR Datasheet HTML 8Page - Texas Instruments TPS51511RHLR Datasheet HTML 9Page - Texas Instruments TPS51511RHLR Datasheet HTML 10Page - Texas Instruments TPS51511RHLR Datasheet HTML 11Page - Texas Instruments TPS51511RHLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
60
80
100
120
140
-50
0
50
100
150
V
OVP
V
UVP
T -JunctionTemperature-°C
J
0
50
100
150
200
250
300
350
400
450
4
8
12
16
20
24
28
V -InputVoltage-V
I
I
=5 A,
V =4V-28V,
V
=1.2V
OSW
I
O
V =12V,
V
=1.2V
I
O
0
50
100
150
200
250
300
350
400
450
0
2
4
6
8
10
I
-OutputCurrent- A
O
I
=1mA -10 A,
V =12V,
V
=1.2V
VOSW
I
O
1.180
1.185
1.190
1.195
1.2
1.205
1.210
1.215
1.220
0
2
4
6
8
10
I
-OutputCurrent- A
O
1.14
1.15
1.16
1.17
1.18
1.19
1.2
1.21
0
0.5
1
1.5
2
I -LoadCurrents- A
L
V
=1.5V
LDOIN
T
=-40°C
A
T
=85°C
A
T
=25°C
A
1.160
1.170
1.180
1.190
1.2
1.210
1.220
1.230
1.240
4
8
12
16
20
24
28
V -InputVoltage-V
I
V =4V-28V,
V
=1.2V
I
O
TPS51511
SLVS735A – FEBRUARY 2007 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS (continued)
OVP, UVP THRESHOLD vs TEMPERATURE
SWITCHING FREQUENCY vs INPUT VOLTAGE
Figure 7.
Figure 8.
SWITCHING FREQUENCY vs OUTPUT CURRENT
VOSW LOAD REGULATION
Figure 9.
Figure 10.
VOSW LINE REGULATION
LDO LOAD REGULATION AT 1.5V INPUT
Figure 11.
Figure 12.
8
Submit Documentation Feedback


Similar Part No. - TPS51511RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51511 TI-TPS51511_15 Datasheet
1Mb / 30P
[Old version datasheet]   Synchronous Switcher Controller With 2-A LDO for GPU Power
More results

Similar Description - TPS51511RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51511 TI-TPS51511_15 Datasheet
1Mb / 30P
[Old version datasheet]   Synchronous Switcher Controller With 2-A LDO for GPU Power
logo
uPI Group Inc.
UP1665P UPI-UP1665P Datasheet
229Kb / 14P
   2-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
UP1642P UPI-UP1642P Datasheet
664Kb / 18P
   3-Phase Synchronous-Rectified Buck Controller for Mobile GPU Power
Oct. 2012
logo
Semtech Corporation
SC1401 SEMTECH-SC1401 Datasheet
202Kb / 17P
   HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
logo
uPI Group Inc.
UP1561 UPI-UP1561 Datasheet
261Kb / 17P
   Synchronous Buck Controller with 3A VTT LDO for Memory Power Solution
Rev. C00
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
   Single Synchronous Buck with LDO Controller
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com