Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60251RTW Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS60251RTW
Description  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60251RTW Datasheet(HTML) 4 Page - Texas Instruments

  TPS60251RTW Datasheet HTML 1Page - Texas Instruments TPS60251RTW Datasheet HTML 2Page - Texas Instruments TPS60251RTW Datasheet HTML 3Page - Texas Instruments TPS60251RTW Datasheet HTML 4Page - Texas Instruments TPS60251RTW Datasheet HTML 5Page - Texas Instruments TPS60251RTW Datasheet HTML 6Page - Texas Instruments TPS60251RTW Datasheet HTML 7Page - Texas Instruments TPS60251RTW Datasheet HTML 8Page - Texas Instruments TPS60251RTW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
PIN ASSIGNMENTS
6
12
18
24
1
2
3
4
5
7
8
9
10
11
13
14
15
16
17
19
20
21
22
23
SDAT
DS1 DS2 DM 5
ENA
SCLK
VIO
NC
GND
GND
NC
NC
DM1
DM 2
DM3
DM4
IS
GND
C1+
C2+
C2-
C1-
VOUT
VIN
QFN24-PINRTW
4mmx4mm
(TOP VIEW)
TPS60251
SLVS767 – APRIL 2007
ELECTRICAL CHARACTERISTICS (continued)
V
I = 3.5 V, TA = –40°C to 85°C, RIS = 562 kΩ, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsu(DATA)
Data input setup time
100
ns
tsu(STO)
STOP condition setup time
600
ns
t(BUF)
Bus free time
1300
ns
I2C COMPATIBLE INTERFACE VOLTAGE SPECIFICATION (SCLK, SDAT, VIO)
VIO
Serial bus voltage level
1.8
4.5
V
VIL
Low-leveI input voltage
3.0V
≤ V
I ≤ 6.0V
0
0.45
×V
IO
V
VIH
High-level input voltage
3.0V
≤ V
I ≤ 6.0V
0.87
×V
IO
V
VOL
Low-level output voltage
ILOAD = 2 mA
0.4
V
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
SCLK
1
I
I2C Interface
SDAT
2
I/O
I2C Interface
Hardware enable/disable pin. Connect this pin high to enable the device. Connect this pin low to disable
ENA
3
I
the device. Do not leave this pin unconnected.
DS1
4
I
Current sink input. Connect the cathode of one of the sub display white LEDs to this pin.
DS2
5
I
DM5
6
I
Current sink input. Connect the cathode of the aux display or the 5th main display white LED to this pin.
I/O Voltage input (1.8V). Connect an input voltage supply of 1.8V to VIN to set the logic levels for the I2C
VIO
7
I
interface.
NC
8, 11, 12
No connection
GND
9, 10, 18
Ground
DM1
13
I
DM2
14
I
Current sink input. Connect the cathode of one of the main display white LED to this pin.
DM3
15
I
DM4
16
I
4
Submit Documentation Feedback


Similar Part No. - TPS60251RTW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTE TI-TPS60250RTE Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTE TI-TPS60250RTE Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

Similar Description - TPS60251RTW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60255 TI1-TPS60255 Datasheet
720Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com