Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2064DGNG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2064DGNG4
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2064DGNG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2064DGNG4 Datasheet HTML 5Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 6Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 7Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 8Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 9Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 10Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 11Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 12Page - Texas Instruments TPS2064DGNG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
0
0.1
0.2
0.3
0.4
0.5
0.6
2
3
4
5
6
VI − Input Voltage − V
CL = 1 mF,
RL = 5 W,
TA = 255C
0
0.05
0.1
0.15
0.2
0.25
2
3
4
5
6
CL = 1 mF,
RL = 5 W,
TA = 255C
VI − Input Voltage − V
0
10
20
30
40
50
60
70
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 3.3 V
VI = 2.7 V
TJ − Junction Temperature − 5C
0
10
20
40
50
60
-50
0
50
100
150
30
T -JunctionTemperature- C
J
°
V =5.5V
I
V =3.3V
I
V =2.7V
I
V =5V
I
TPS2060, TPS2064
TPS2068, TPS2069
SLVS553E – MARCH 2005 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS (continued)
RISE TIME
FALL TIME
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 11.
Figure 12.
TPS2060, TPS2064
TPS2068, TPS2069
SUPPLY CURRENT, OUTPUT ENABLED
SUPPLY CURRENT, OUTPUT ENABLED
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 13.
Figure 14.
9
Submit Documentation Feedback


Similar Part No. - TPS2064DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2064DGNG4 TI-TPS2064DGNG4 Datasheet
761Kb / 21P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2064DGNG4 TI1-TPS2064DGNG4 Datasheet
1Mb / 35P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2064DGNG4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com