Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61052YZG Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS61052YZG
Description  1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61052YZG Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS61052YZG Datasheet HTML 7Page - Texas Instruments TPS61052YZG Datasheet HTML 8Page - Texas Instruments TPS61052YZG Datasheet HTML 9Page - Texas Instruments TPS61052YZG Datasheet HTML 10Page - Texas Instruments TPS61052YZG Datasheet HTML 11Page - Texas Instruments TPS61052YZG Datasheet HTML 12Page - Texas Instruments TPS61052YZG Datasheet HTML 13Page - Texas Instruments TPS61052YZG Datasheet HTML 14Page - Texas Instruments TPS61052YZG Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
www.ti.com
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
0
200
400
600
800
1000
1200 1300
LEDCurrentDigitalCode-mA
T =85°C
A
T =-40°C
A
T =25°C
A
I
=2000mA
LIM
0
10
20
30
40
50
60
70
80
90
100
0
1
10
100
1000
10000
I
-OutputCurrent-mA
O
V
=5V,
I
=2000mA
OUT
LIM
V
=4.2V
IN
V
=3V
IN
V
=2.5V
IN
V
=3.6V
IN
4.85
4.90
4.95
5
5.05
5.10
5.15
0.1
1
10
100
1000
10000
I
-OutputCurrent-mA
O
V
=5V,
I
=2000mA
OUT
LIM
V
=3.6V
IN
V
=2.5V
IN
V
=4.2V
IN
V
=3V
IN
4.80
4.90
5
5.10
5.20
5.30
5.40
5.50
5.60
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3 5.5
V -InputVoltage-V
I
I
=0mA
OUT
I
=100mA
OUT
I
=1000mA
OUT
V
=5V,
I
=2000mA
OUT
LIM
TPS61050
TPS61052
SLUS525 – MARCH 2007
LED CURRENT
VOLTAGE MODE EFFICIENCY
vs
vs
LED CURRENT DIGITAL CODE
LOAD CURRENT
Figure 10.
Figure 11.
DC OUTPUT VOLTAGE
DC OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 12.
Figure 13.
11
Submit Documentation Feedback


Similar Part No. - TPS61052YZG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61052YZGR TI1-TPS61052YZGR Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61052YZGT TI1-TPS61052YZGT Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
More results

Similar Description - TPS61052YZG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com