Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61080DRCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61080DRCR
Description  HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61080DRCR Datasheet(HTML) 4 Page - Texas Instruments

  TPS61080DRCR Datasheet HTML 1Page - Texas Instruments TPS61080DRCR Datasheet HTML 2Page - Texas Instruments TPS61080DRCR Datasheet HTML 3Page - Texas Instruments TPS61080DRCR Datasheet HTML 4Page - Texas Instruments TPS61080DRCR Datasheet HTML 5Page - Texas Instruments TPS61080DRCR Datasheet HTML 6Page - Texas Instruments TPS61080DRCR Datasheet HTML 7Page - Texas Instruments TPS61080DRCR Datasheet HTML 8Page - Texas Instruments TPS61080DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
TPS61080
TPS61081
SLVS644B – FEBRUARY 2006 – REVISED JANUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.6 V, EN = VIN, T
A = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT START
TA = 25°C
4.75
5
5.25
Iss
Soft start bias current
µA
4.6
5
5.4
Vclp
SS pin to FB pin accuracy
Vss = 500 mV
487
500
513
mV
FEEDBACK FB
IFB
Feedback input bias current
VFB = 1.229 V
–100
100
nA
VFB
Feedback regulation voltage
1.204
1.229
1.254
V
POWER SWITCH AND DIODE
Isolation MOSFET on-resistance
0.06
0.1
RDS(ON)
VIN = VGS = 3.6 V
0.17
0.22
N-channel MOSFET on-resistance
VIN = VGS = 2.5 V
0.2
0.32
ILN_NFET
N-channel leakage current
VDS = 28 V
1
2
µA
VF
Power diode forward voltage
Id = 1 A
0.85
1
V
ILN_ISO
Isolation FET leakage current
L pin to ground
1
µA
OC AND SC
TPS61080, FSW = High or FSW = Low
0.5
0.7
1.0
ILIM
N-Channel MOSFET current limit(1)
A
TPS61081, FSW = High or FSW = Low
1.3
1.6
2.0
TPS61080
1.0
2.2
ISC
Short circuit current limit
A
TPS61081
2.0
3.5
Tscd
Short circuit delay time
13
µs
Tscr
Short circuit release time
57
ms
VSC
OUT short detection threshold (2)
VIN – VOUT
1.4
V
OSCILLATOR
FSW pin high
1.0
1.2
1.5
fS
Oscillator frequency
MHz
FSW pin low
0.5
0.6
0.7
Dmax
Maximum duty cycle
FB = 1.0 V
90%
94%
Dmin
Minimum duty cycle
5%
Rfsw
FSW pin pull down resistance
400
800
1600
k
FSW high logic
1.6
VFSW
V
FSW low logic
0.8
OVP
Output overvoltage protection
Vout rising
27
28
29
V
Vovp
Output overvoltage protection hysteresis
Vout falling
0.7
V
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
Thysteresis Thermal shutdown threshold hysteresis
15
°C
(1)
VIN = 3.6 V, Vout = 15 V, Duty cycle = 76%. See Figure 6 to Figure 9 for other operation conditions.
(2)
OUT short circuit condition is detected if OUT stays lower than VIN – Vsc for 2 ms after IC enables.
4
Submit Documentation Feedback


Similar Part No. - TPS61080DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61080DRCR TI1-TPS61080DRCR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61080DRCRG4 TI1-TPS61080DRCRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
More results

Similar Description - TPS61080DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61081DRCTG4 TI1-TPS61081DRCTG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
Linear Technology
LTC3129-1 LINER-LTC3129-1 Datasheet
339Kb / 8P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
LTC3129 LINER-LTC3129 Datasheet
1Mb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
logo
Texas Instruments
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
logo
Semtech Corporation
SC419 SEMTECH-SC419 Datasheet
579Kb / 24P
   EcoSpeedTM DC-DC Converter with Integrated Boost Diode
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com