Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61050YZGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61050YZGR
Description  1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61050YZGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61050YZGR Datasheet HTML 6Page - Texas Instruments TPS61050YZGR Datasheet HTML 7Page - Texas Instruments TPS61050YZGR Datasheet HTML 8Page - Texas Instruments TPS61050YZGR Datasheet HTML 9Page - Texas Instruments TPS61050YZGR Datasheet HTML 10Page - Texas Instruments TPS61050YZGR Datasheet HTML 11Page - Texas Instruments TPS61050YZGR Datasheet HTML 12Page - Texas Instruments TPS61050YZGR Datasheet HTML 13Page - Texas Instruments TPS61050YZGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
www.ti.com
0
200
400
600
800
1000
1200
1400
250
350
450
550
650
750
850
950
1050
LEDPinHeadroomVoltage-mV
I
=75mA
LED
I
=1200mA
LED
I
=2000mA
LIM
I
=150mA
LED
I
=900mA
LED
I
=700mA
LED
I
=500mA
LED
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3 5.5
V -InputVoltage-V
I
I
=300mA
LED
I
=1200mA
LED
I
=2000mA
LIM
I
=900mA
LED
I
=500mA
LED
I
=700mA
LED
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
0
40
80
120
160
200
240
280 300
LEDCurrentDigitalCode-mA
V
=3.6V
IN
V
=2.5V
IN
I
=2000mA
LIM
V
=4.5V
IN
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
0
200
400
600
800
1000
1200 1300
LEDCurrentDigitalCode-mA
V
=4.5V
IN
V
=3.6V
IN
V
=2.5V
IN
I
=2000mA
LIM
TPS61050
TPS61052
SLUS525 – MARCH 2007
DC INPUT CURRENT
LED CURRENT
vs
vs
INPUT VOLTAGE
LED PIN HEADROOM VOLTAGE
Figure 6.
Figure 7.
LED CURRENT
LED CURRENT
vs
vs
LED CURRENT DIGITAL CODE
LED CURRENT DIGITAL CODE
Figure 8.
Figure 9.
10
Submit Documentation Feedback


Similar Part No. - TPS61050YZGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61050YZGR TI1-TPS61050YZGR Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
More results

Similar Description - TPS61050YZGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com