Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61052YZGT Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61052YZGT
Description  1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61052YZGT Datasheet(HTML) 2 Page - Texas Instruments

  TPS61052YZGT Datasheet HTML 1Page - Texas Instruments TPS61052YZGT Datasheet HTML 2Page - Texas Instruments TPS61052YZGT Datasheet HTML 3Page - Texas Instruments TPS61052YZGT Datasheet HTML 4Page - Texas Instruments TPS61052YZGT Datasheet HTML 5Page - Texas Instruments TPS61052YZGT Datasheet HTML 6Page - Texas Instruments TPS61052YZGT Datasheet HTML 7Page - Texas Instruments TPS61052YZGT Datasheet HTML 8Page - Texas Instruments TPS61052YZGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
TPS61050
TPS61052
SLUS525 – MARCH 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
SAFETY TIMER
TA PART
NUMBER(1)
PACKAGE MARKING
PACKAGE
MAXIMUM DURATION
TPS61050YZG
1.02 s
61050
CSP-12
TPS61050DRC
1.02 s
BRV
QFN-10
–40
°C to 85°C
TPS61052YZG
1.02 s
61052
CSP-12
TPS61052DRC
1.02 s
BRW
QFN-10
(1)
The YZG package is available in tape and reel. Add R suffix (TPS6105xYZGR, TPS6105xDRCR) to order quantities of 3000 parts. Add
T suffix (TPS6105xYZGT, TPS6105xDRCT) to order quantities of 250 parts.
over operating free-air temperature range (unless otherwise noted)(1)
TPS6105X
UNIT
Voltage range on AVIN, VOUT, SW, LED (2)
–0.3 to 7
V
Voltage range on SCL, SDA, FLASH_SYNC, GPIO, ENVM (2)
–0.3 to 7
V
Input current on GPIO
25
mA
TA
Operating ambient temperature range (3)
–40 to 85
°C
TJ (MAX)
Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
–65 to 150
°C
Human body model
2
kV
ESD
Charge device model
1
kV
rating(4)
Machine model
200
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θ
JA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)).
(4)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
DERATING FACTOR
POWER RATING
PACKAGE
THERMAL RESISTANCE(1)(2)
ABOVE(1)(2)
TA = 25°C
TA = 25°C
YZG
θ
JA= 89°C/W
θ
JB= 35°C/W
1.1 W
12 mW/
°C
DRC
θ
JA= 49°C/W
θ
JC= 3.2°C/W
2.4 W
20 mW/
°C
(1)
Measured with high-K board.
(2)
Maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max)–TA)/ θJA.
2
Submit Documentation Feedback


Similar Part No. - TPS61052YZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61052YZGT TI1-TPS61052YZGT Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
More results

Similar Description - TPS61052YZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com