Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61070DDCR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61070DDCR
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61070DDCR Datasheet(HTML) 3 Page - Texas Instruments

  TPS61070DDCR Datasheet HTML 1Page - Texas Instruments TPS61070DDCR Datasheet HTML 2Page - Texas Instruments TPS61070DDCR Datasheet HTML 3Page - Texas Instruments TPS61070DDCR Datasheet HTML 4Page - Texas Instruments TPS61070DDCR Datasheet HTML 5Page - Texas Instruments TPS61070DDCR Datasheet HTML 6Page - Texas Instruments TPS61070DDCR Datasheet HTML 7Page - Texas Instruments TPS61070DDCR Datasheet HTML 8Page - Texas Instruments TPS61070DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510B – JULY 2006 – REVISED MAY 2007
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25
°C) (unless otherwise noted)
DC/DC STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage range for
start-up
RL = 270 Ω
1.1
1.2
(TPS61070, TPS61071, TPS61072)
Minimum input voltage range for
RL = 270 Ω
2.3
start-up (TPS61073)
VI
V
Input voltage range, after start-up
TA = 25°C
0.9
5.5
(TPS61070, TPS61071, TPS61072)
Input voltage range, after start-up
2.3
5.5
(TPS61073)
Output voltage range (TPS61070,
1.8
5.5
TPS61071, TPS61072)
VO
V
Output voltage range (TPS61073)
2.3
5.5
V(FB)
Feedback voltage
495
500
505
mV
Oscillator frequency (TPS61070,
960
1200
1440
TPS61071, TPS61073)
f
kHz
Oscillator frequency (TPS61072)
480
600
720
I(SW)
Switch current limit
VOUT= 3.3 V
500
600
700
mA
Start-up current limit
0.5
× I
SW
mA
Boost switch-on resistance
VOUT= 3.3 V
480
m
Rectifying switch-on resistance
VOUT= 3.3 V
600
m
Total accuracy (including line and
3%
load regulation)
Line regulation
1%
Load regulation
1%
Quiescent current
VBAT
0.5
1
µA
IO = 0 mA, V(EN) = VBAT = 1.2 V,
(TPS61070, TPS61071,
VOUT = 3.3 V, TA = 25°C
VOUT
19
30
µA
TPS61072)
VBAT
1
1.5
µA
Quiescent current
IO = 0 mA, V(EN) = 1.8 V, VBAT = 2.4 V,
(TPS61073)
VOUT = 5 V, TA = 25°C
VOUT
30
50
µA
Shutdown current (TPS61070,
V(EN) = 0 V, VBAT = 1.2 V, TA = 25°C
0.05
0.5
µA
TPS61071, TPS61072)
Shutdown current (TPS61073)
V(EN) = 0 V, VBAT = 3.6 V, TA = 25°C
0.05
1.5
µA
CONTROL STAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(UVLO)
Undervoltage lockout threshold
V(BAT) voltage decreasing
0.8
V
EN input low voltage
0.2
× VBAT
(TPS61070, TPS61071, TPS61072)
VIL
EN input low voltage (TPS61073)
0.4
V
EN input high voltage
0.8
× VBAT
(TPS61070, TPS61071, TPS61072)
VIH
EN input high voltage (TPS61073)
1.2
V
EN input current
Clamped on GND or VBAT
0.01
0.1
µA
(TPS61070, TPS61071, TPS61072)
EN input current (TPS61073)
Clamped on GND or VBAT
0.01
0.3
µA
Overtemperature protection
140
°C
Overtemperature hysteresis
20
°C
3
Submit Documentation Feedback


Similar Part No. - TPS61070DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61070DDCR TI-TPS61070DDCR Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCR TI1-TPS61070DDCR Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCRG4 TI-TPS61070DDCRG4 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCRG4 TI1-TPS61070DDCRG4 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
More results

Similar Description - TPS61070DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com