Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62351DRC Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62351DRC
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62351DRC Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62351DRC Datasheet HTML 2Page - Texas Instruments TPS62351DRC Datasheet HTML 3Page - Texas Instruments TPS62351DRC Datasheet HTML 4Page - Texas Instruments TPS62351DRC Datasheet HTML 5Page - Texas Instruments TPS62351DRC Datasheet HTML 6Page - Texas Instruments TPS62351DRC Datasheet HTML 7Page - Texas Instruments TPS62351DRC Datasheet HTML 8Page - Texas Instruments TPS62351DRC Datasheet HTML 9Page - Texas Instruments TPS62351DRC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
www.ti.com
I2C INTERFACE TIMING CHARACTERISTICS
(1)
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
100
kHz
Fast mode
400
kHz
High-speed mode (write operation), CB– 100 pF max
3.4
MHz
f(SCL)
SCL Clock Frequency
High-speed mode (read operation), CB– 100 pF max
3.4
MHz
High-speed mode (write operation), CB– 400 pF max
1.7
MHz
High-speed mode (read operation), CB– 400 pF max
1.7
MHz
Standard mode
4.7
µs
Bus Free Time Between a STOP and
tBUF
START Condition
Fast mode
1.3
µs
Standard mode
4
µs
Hold Time (Repeated) START
tHD, tSTA
Fast mode
600
ns
Condition
High-speed mode
160
ns
Standard mode
4.7
µs
Fast mode
1.3
µs
tLOW
LOW Period of the SCL Clock
High-speed mode, CB– 100 pF max
160
ns
High-speed mode, CB– 400 pF max
320
ns
Standard mode
4
µs
Fast mode
600
ns
tHIGH
HIGH Period of the SCL Clock
High-speed mode, CB– 100 pF max
60
ns
High-speed mode, CB– 400 pF max
120
ns
Standard mode
4.7
µs
Setup Time for a Repeated START
tSU, tSTA
Fast mode
600
ns
Condition
High-speed mode
160
ns
Standard mode
250
ns
tSU, tDAT Data Setup Time
Fast mode
100
ns
High-speed mode
10
ns
Standard mode
0
3.45
µs
Fast mode
0
0.9
µs
tHD, tDAT Data Hold Time
High-speed mode, CB– 100 pF max
0
70
ns
High-speed mode, CB– 400 pF max
0
150
ns
Standard mode
20 + 0.1 CB
1000
ns
Fast mode
20 + 0.1 CB
300
ns
tRCL
Rise Time of SCL Signal
High-speed mode, CB– 100 pF max
10
40
ns
High-speed mode, CB– 400 pF max
20
80
ns
Standard mode
20 + 0.1 CB
1000
ns
Rise Time of SCL Signal After a
Fast mode
20 + 0.1 CB
300
ns
tRCL1
Repeated START Condition and After
High-speed mode, CB– 100 pF max
10
80
ns
an Acknowledge BIT
High-speed mode, CB– 400 pF max
20
160
ns
Standard mode
20 + 0.1 CB
300
ns
Fast mode
20 + 0.1 CB
300
ns
tFCL
Fall Time of SCL Signal
High-speed mode, CB– 100 pF max
10
40
ns
High-speed mode, CB– 400 pF max
20
80
ns
Standard mode
20 + 0.1 CB
1000
ns
Fast mode
20 + 0.1 CB
300
ns
tRDA
Rise Time of SDA Signal
High-speed mode, CB– 100 pF max
10
80
ns
High-speed mode, CB– 400 pF max
20
160
ns
(1)
Specified by design. Not tested in production.
6
Submit Documentation Feedback


Similar Part No. - TPS62351DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62351DRC TI-TPS62351DRC Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62351DRCR TI1-TPS62351DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62351DRCRG4 TI1-TPS62351DRCRG4 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62351DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62350 TI-TPS62350 Datasheet
113Kb / 1P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I-2 C-TM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com