Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62354YZGT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62354YZGT
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62354YZGT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62354YZGT Datasheet HTML 1Page - Texas Instruments TPS62354YZGT Datasheet HTML 2Page - Texas Instruments TPS62354YZGT Datasheet HTML 3Page - Texas Instruments TPS62354YZGT Datasheet HTML 4Page - Texas Instruments TPS62354YZGT Datasheet HTML 5Page - Texas Instruments TPS62354YZGT Datasheet HTML 6Page - Texas Instruments TPS62354YZGT Datasheet HTML 7Page - Texas Instruments TPS62354YZGT Datasheet HTML 8Page - Texas Instruments TPS62354YZGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
QFN-10
CSP-12
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
FB
C2
10 F
m
A
L1
1 H
m
PVIN
TPS62350YZG
2.7V..5.5V
SW
AVIN
PGND
PGND
A
EN
VSEL
SDA
SCL
SYNC
upto3.4Mbips
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
IO − OutputCurrent − mA
VO
C1
VI
VO =Roof
VO =Floor
TYPICAL APPLICATION
0
EFFICIENCY vsLOADCURRENT
I2C Bus
AGND
V =3.6V
V
=1.35V
LPFM/PWMMode
I
O
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
WITH I2C™ COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
• 88% Efficiency at 3-MHz Operation
The
TPS6235x
device
is
a
high-frequency
synchronous step-down dc-dc converter optimized
• 800-mA Output Current at V
I = 2.7 V
for battery-powered portable applications. Intended
• 3-MHz Fixed Frequency Operation
for low-power applications, the TPS6235x supports
• Best in Class Load and Line Transient
up to 800-mA load current and allows the use of
• Complete 1-mm Component Profile Solution
small, low cost inductors and capacitors.
• ±2% PWM DC Voltage Accuracy
The device is ideal for mobile phones and similar
portable applications powered by a single-cell Li-Ion
• 35-ns Minimum On-Time
battery. With an output voltage range adjustable via
• Efficiency Optimized Power-Save Mode
I2C interface down to 0.6 V, the device supports
(Light PFM)
low-voltage
DSPs
and
processors
core
power
• Transient Optimized Power-Save Mode
supplies in smart-phones, PDAs, and handheld
(Fast PFM)
computers.
• 28-µA Typical Quiescent Current
The TPS6235x operates at 3-MHz fixed switching
• I2C Compatible Interface up to 3.4 Mbps
frequency
and
enters
the
efficiency
optimized
power-save mode operation at light load currents to
• Pin-Selectable Output Voltage
maintain high efficiency over the entire load current
• Synchronizable On the Fly to External
range.
In
the
shutdown
mode,
the
current
Clock Signal
consumption is reduced to less than 2
µA.
• Available in a 10-Pin QFN (3 x 3 mm) and
The serial interface is compatible with Fast/Standard
12-Pin NanoFree™ (CSP) Packaging
and High-Speed mode I2C specification allowing
transfers at up to 3.4 Mbps. This communication
interface is used for dynamic voltage scaling with
• SmartReflex™ Compliant Power Supply
voltage steps down to 12.5 mV, for reprogramming
the mode of operation (Light PFM, Fast PFM or
• Split Supply DSPs and µP Solutions
Forced PWM) or disable/enabling the output voltage.
OMAP™, XSCALE™
• Cell Phones, Smart-Phones
• PDAs, Pocket PCs
• Digital Cameras
• Micro DC-DC Converter Modules
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree, SmartReflex, OMAP, PowerPAD are trademarks of Texas Instruments.
XSCALE is a trademark of Intel Corporation.
I2C is a trademark of Philips Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62354YZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62354YZGT TI1-TPS62354YZGT Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62354YZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62350 TI-TPS62350 Datasheet
113Kb / 1P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I-2 C-TM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com