Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62402DRCRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62402DRCRG4
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62402DRCRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62402DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS62402DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS62402DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS62402DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS62402DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS62402DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62402DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62402DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS62402DRCRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
Internal
compensated
Error Amp.
Sawtooth
Generator
Skip Comp.Low
PWM
Comp.
Average
CurrentDetector
Skip ModeEntry
VREF
Control
Stage
GateDriver
PMOSCurrent
LimitComparator
NMOSCurrent
LimitComparator
LoadComparator
VREF-1%
FB
VOUT1
FB_VOUT
Undervoltage
Lockout
Thermal
Shutdown
Softstart
VIN
GND
MODE
Error Amp.
Sawtooth
Generator
PWM
Comp.
VREF
Control
Stage
GateDriver
PMOSCurrent
LimitComparator
NMOSCurrent
LimitComparator
LoadComparator
FB_VOUT2
Thermal
Shutdown
Softstart
VIN
GND
MODE
CLK180°
Easy Scale
Interface
CLK0°
CLK180°
2.25MHz
Oscillator
Converter1
Converter2
SW1
SW2
ADJ2
FB1
DEF1
Mode/
DATA
EN1
EN2
VIN
GND
Ext. res. network
Reference
Average
CurrentDetector
Skip ModeEntry
ACK
MOSFET
Opendrain
Internal
compensated
Skip Comp.
VREF+1%
FB_VOUT
Skip Comp.Low
VREF-1%
FB_VOUT
Skip Comp.
VREF+1%
FB_VOUT
Note1
RI1
RI..N
Int.Resistor
Network
C
ff
25pF
Register
DEF1_High
DEF1_Low
RI1
RI..N
Int.Resistor
Network
C
ff 25pF
Register
DEF2
Note2
TPS62400
,, TPS62401
TPS62402, TPS62403
SLVS681D – JUNE 2006 – REVISED FEBRUARY 2007
(1)
In fixed output voltage version, the PIN DEF_1 is connected to an internal digital input and disconnected from the
error amplifier
(2)
To set the output voltage of Converter 2 via EasyScale™ Interface, ADJ2 pin must be directly connected to VOUT2
6
Submit Documentation Feedback


Similar Part No. - TPS62402DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62402DRCRG4 TI-TPS62402DRCRG4 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402DRCRG4 TI-TPS62402DRCRG4 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62402DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com