Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD7230RGWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7230RGWR
Description  Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7230RGWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD7230RGWR Datasheet HTML 3Page - Texas Instruments UCD7230RGWR Datasheet HTML 4Page - Texas Instruments UCD7230RGWR Datasheet HTML 5Page - Texas Instruments UCD7230RGWR Datasheet HTML 6Page - Texas Instruments UCD7230RGWR Datasheet HTML 7Page - Texas Instruments UCD7230RGWR Datasheet HTML 8Page - Texas Instruments UCD7230RGWR Datasheet HTML 9Page - Texas Instruments UCD7230RGWR Datasheet HTML 10Page - Texas Instruments UCD7230RGWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
www.ti.com
UCD7230
SLUS741C – NOVEMBER 2006 – REVISED MARCH 2007
ELECTRICAL CHARACTERISTICS (continued)
V
DD = PVDD = 12 V, 4.7-µF from VDD to AGND, 1 µF from PVDD to PGND, 0.1 µF from CSBIAS to AGND, 0.22 µF from BST to
SW, T
A = TJ = -40°C to +125°C, RCS+ = 5 kΩ, RDLY = 50 kΩ over operating free-air temperature range (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SENSE COMPARATOR (INPUT SENSE)
RDLY = 24.3 kΩ (CSBIAS-CS+)
170
235
300
CS threshold
mV
RDLY = 49.9 kΩ (CSBIAS-CS+)
90
114
140
RDLY = 24.3 kΩ , IN rising to OUT1,
120
IN falling to OUT2, VDD = 6 V
CS blanking time(2)
ns
RDLY = 49.9 kΩ , IN rising to OUT1,
230
IN falling to OUT2, VDD = 6 V
RDELAY range(2)
24.3
50.0
100.0
k
Propagation delay from CS+ to
80
OUT1(2)
CS = threshold + 60mV
ns
Propagation delay from CS+ to
70
CLF(2)
CURRENT SENSE AMP
I0 = OPEN; POS = NEG = 1.25 V;
VOO
Output offset voltage
-100
0
100
mV
measure AO - IO
I0 = FLOAT; VPOS = 1.26 V; VNEG =
Closed loop dc gain
46
48
50
V/V
1.25 V, RPOS = RNEG = 0
POS = 1.25 V, NEG = 1.29 V,R =
Input impedance
5.5
8.3
12
k
(POS - NEG) / (IPOS - INEG)
VCM(max) is limited to (VDD-1.2V),
VCM
Input Common Mode Voltage Range
0
5.6
V
RPOS = 0
VPOS = 1.2 V; VNEG = 1.3 V;
A0_Vol
Minimum Output Voltage
0.15
0.3
A0_ISINK = 250 µA
V
VPOS =1.3 V; VNEG = 1.2 V; A0_
A0_Voh
Maximum Output Voltage
3
3.1
3.5
ISOURCE = 500 µA
I0 = FLOAT; VPOS = VNEG = 0.8 V to
Input Bias Current, POS or NEG
-2
30
µA
5.0 V, RPOS = RNEG = 0
ZERO CURRENT REFERENCE (IO)
Reference voltage
Measured at I0
0.54
0.6
0.66
V
Input transition voltage
With respect to IO reference
10
60
120
mV
IO
Output impedance
IZERO = 0.6 V
10
15
21
k
(2)
As designed and characterized. Not 100% tested in production.
7


Similar Part No. - UCD7230RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7230RGWR TI1-UCD7230RGWR Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230RGWR TI1-UCD7230RGWR Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers
UCD7230RGWRG4 TI1-UCD7230RGWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers
More results

Similar Description - UCD7230RGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7230 TI1-UCD7230_16 Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCC7230 TI1-UCC7230 Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers
UCD7232 TI1-UCD7232 Datasheet
597Kb / 30P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
NCP5901E ONSEMI-NCP5901E Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
NCP5901BE ONSEMI-NCP5901BE Datasheet
132Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
April, 2012 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com