Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65051RSMTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65051RSMTG4
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65051RSMTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65051RSMTG4 Datasheet HTML 4Page - Texas Instruments TPS65051RSMTG4 Datasheet HTML 5Page - Texas Instruments TPS65051RSMTG4 Datasheet HTML 6Page - Texas Instruments TPS65051RSMTG4 Datasheet HTML 7Page - Texas Instruments TPS65051RSMTG4 Datasheet HTML 8Page - Texas Instruments TPS65051RSMTG4 Datasheet HTML 9Page - Texas Instruments TPS65051RSMTG4 Datasheet HTML 10Page - Texas Instruments TPS65051RSMTG4 Datasheet HTML 11Page - Texas Instruments TPS65051RSMTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
www.ti.com
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
TPS65050
TPS65051
TPS65052
TPS65054
TPS65056
PGND1
23
23
23
23
23
I
GND for converter 1
PGND2
19
19
19
19
19
I
GND for converter 2
AGND
2
2
2
2
2
I
Analog GND, connect to PGND and PowerPad™
L2
20
20
20
20
20
O
Switch Pin of converter 2. Connected to Inductor.
EN_DCDC1
25
25
25
25
25
I
Enable Input for converter 1, active high
EN_DCDC2
26
26
26
26
26
I
Enable Input for converter 2, active high
VINLDO1
29
29
29
29
29
I
Input voltage for LDO1
VINLDO2
4
4
4
4
4
I
Input voltage for LDO2
VINLDO3/4
11
11
11
11
11
I
Input voltage for LDO3 and LDO4
VLDO1
30
30
30
30
30
O
Output voltage of LDO1
VLDO2
5
5
5
5
5
O
Output voltage of LDO2
VLDO3
10
10
10
10
10
O
Output voltage of LDO3
VLDO4
12
12
12
12
12
O
Output voltage of LDO4
Digital input, used to set the default output voltage of LDO1 to
DEFLDO1
31
--
31
--
--
I
LDO4; LSB
FB1
--
31
--
31
31
I
Feedback input for the external voltage divider.
Digital input, used to set the default output voltage of LDO1 to
DEFLDO2
6
--
6
--
--
I
LDO4.
FB2
--
6
--
6
6
I
Feedback input for the external voltage divider.
Digital input, used to set the default output voltage of LDO1 to
DEFLDO3
9
--
9
--
--
I
LDO4.
FB3
--
9
--
9
9
I
Feedback input for the external voltage divider.
Digital input, used to set the default output voltage of LDO1 to
DEFLDO4
13
--
13
--
--
I
LDO4; MSB
FB4
--
13
--
13
13
I
Feedback input for the external voltage divider.
Enable input for LDO1. Logic high enables the LDO, logic low
EN_LDO1
27
27
27
27
27
I
disables the LDO.
Enable input for LDO2. Logic high enables the LDO, logic low
EN_LDO2
28
28
28
28
28
I
disables the LDO.
Enable input for LDO3. Logic high enables the LDO, logic low
EN_LDO3
15
15
15
15
15
I
disables the LDO.
Enable input for LDO4. Logic high enables the LDO, logic low
EN_LDO4
16
16
16
16
16
I
disables the LDO.
THRESHOLD
--
7
7
7
7
I
Reset input
PB_IN
7
--
--
--
--
I
Input for the pushbutton ON-OFF function
HYSTERESIS
--
8
8
8
8
I
Input for hysteresis on reset threshold
GND
8
--
--
--
--
-
Connect to GND
RESET
--
14
14
14
14
O
Open drain active low reset output, 100 ms reset delay time.
Open drain output. Active low after the supply voltage (VCC)
PB_OUT
14
--
--
--
--
O
exceeded the undervoltage lockout threshold. The pin can be
toggled pulling PB_IN high.
BP
1
1
1
1
1
I
Input for bypass capacitor for internal reference.
PowerPAD™
--
--
--
--
--
Connect to GND
8
Submit Documentation Feedback


Similar Part No. - TPS65051RSMTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65051RSMTG4 TI-TPS65051RSMTG4 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65051RSMTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com