Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J105 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # J105
Description  N-Channel Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J105 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  J105_01 Datasheet HTML 1Page - Fairchild Semiconductor J105_01 Datasheet HTML 2Page - Fairchild Semiconductor J105_01 Datasheet HTML 3Page - Fairchild Semiconductor J105_01 Datasheet HTML 4Page - Fairchild Semiconductor J105_01 Datasheet HTML 5Page - Fairchild Semiconductor J105_01 Datasheet HTML 6Page - Fairchild Semiconductor J105_01 Datasheet HTML 7Page - Fairchild Semiconductor J105_01 Datasheet HTML 8Page - Fairchild Semiconductor J105_01 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ON CHARACTERISTICS
SMALL SIGNAL CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
IDSS
Zero-Gate Voltage Drain Current*
VDS = 15 V, IGS = 0
105
106
107
500
200
100
mA
mA
mA
rDS(on)
Drain-Source On Resistance
VDS
≤ 0.1 V, VGS = 0
105
106
107
3.0
6.0
8.0
V(BR)GSS
Gate-Source Breakdown Voltage
IG = - 10
µA, VDS = 0
- 25
V
IGSS
Gate Reverse Current
VGS = - 15 V, VDS = 0
VGS = - 15 V, VDS = 0, TA = 100
°C
- 3.0
- 200
nA
nA
ID(off)
Gate-Source Cutoff Voltage
VDS = - 5.0 V, VGS = - 10 V
3.0
nA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 5.0 V, ID = 1.0
µA
105
106
107
- 4.5
- 2.0
- 0.5
- 10
- 6.0
- 4.5
V
V
V
Cdg(on)
Csg(on)
Drain Gate & Source Gate On
Capacitance
VDS = 0, VGS = 10 V, f = 1.0 MHz
160
pF
Cdg(off)
Drain-Gate Off Capacitance
VDS = 0, VGS = 10 V, f = 1.0 MHz
35
pF
Csg(off)
Source-Gate Off Capacitance
VDS = 0, VGS = 10 V, f = 1.0 MHz
35
pF
Typical Characteristics
Common Drain-Source
Characteristics
00.5
11.5
2
0
50
100
150
200
V
- DRAIN-SOURCE VOLTAGE(V)
DS
V
= 0 V
GS
-1V
-2V
-3V
-4V
-5V
TYP V
= -5V
GS(OFF)
T
= + 25 C
0
A
Common Drain-Source
Characteristics
0
123
45
0
10
20
30
40
50
V
- DRAIN-SOURCE VOLTAGE(V)
DS
V
= 0 V
GS
TYP V
= -0.7V
GS(OFF)
T
= + 25 C
0
A
- 0.1V
- 0.2V
-0.4V
- 0.5V
- 0.3V
N-Channel Switch
(continued)


Similar Part No. - J105_01

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J1051A12VDC CIT-J1051A12VDC Datasheet
136Kb / 2P
   CIT SWITCH
J1051A24VDC CIT-J1051A24VDC Datasheet
136Kb / 2P
   CIT SWITCH
J1051A3VDC CIT-J1051A3VDC Datasheet
136Kb / 2P
   CIT SWITCH
J1051A48VDC CIT-J1051A48VDC Datasheet
136Kb / 2P
   CIT SWITCH
J1051A5VDC CIT-J1051A5VDC Datasheet
136Kb / 2P
   CIT SWITCH
More results

Similar Description - J105_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com