Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J111 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # J111
Description  N-Channel Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J111 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  J111_01 Datasheet HTML 1Page - Fairchild Semiconductor J111_01 Datasheet HTML 2Page - Fairchild Semiconductor J111_01 Datasheet HTML 3Page - Fairchild Semiconductor J111_01 Datasheet HTML 4Page - Fairchild Semiconductor J111_01 Datasheet HTML 5Page - Fairchild Semiconductor J111_01 Datasheet HTML 6Page - Fairchild Semiconductor J111_01 Datasheet HTML 7Page - Fairchild Semiconductor J111_01 Datasheet HTML 8Page - Fairchild Semiconductor J111_01 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
ON CHARACTERISTICS
IDSS
Zero-Gate Voltage Drain Current*
VDS = 15 V, IGS = 0
111
112
113
20
5.0
2.0
mA
mA
mA
rDS(on)
Drain-Source On Resistance
VDS
≤ 0.1 V, VGS = 0
111
112
113
30
50
100
SMALL-SIGNAL CHARACTERISTICS
Cdg(on)
Csg(on)
Drain Gate & Source Gate On
Capacitance
VDS = 0, VGS = 0, f = 1.0 MHz
28
pF
Cdg(off)
Drain-Gate Off Capacitance
VDS = 0, VGS = - 10 V, f = 1.0 MHz
5.0
pF
Csg(off)
Source-Gate Off Capacitance
VDS = 0, VGS = - 10 V, f = 1.0 MHz
5.0
pF
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 3.0%
Typical Characteristics
V(BR)GSS
Gate-Source Breakdown Voltage
IG = - 1.0
µA, VDS = 0
- 35
V
IGSS
Gate Reverse Current
VGS = - 15 V, VDS = 0
- 1.0
nA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 5.0 V, ID = 1.0
µA
111
112
113
- 3.0
- 1.0
- 0.5
- 10
- 5.0
- 3.0
V
V
V
ID(off)
Drain Cutoff Leakage Current
VDS = 5.0 V, VGS = - 10 V
1.0
nA
Parameter Interactions
0.5
1
2
5
10
5
10
20
50
100
5
10
20
50
100
V
- GATE CUTOFF VOLTAGE (V)
GS (OFF)
I
, g
@ V
= 15V,
V
= 0 PULSED
r
@ 1.0 mA, V
= 0
V
@ V
= 15V,
I
= 1.0 nA
GS(off)
DSS
r
D
I
DSS
DS
DS
GS
DS
GS
fs
DS
DS
g
fs
_
_
_
_
_
Common Drain-Source
0
0.4
0.8
1.2
1.6
2
0
2
4
6
8
10
V
- DRAIN-SOURCE VOLTAGE (V)
DS
- 0.4 V
- 1.0 V
- 0.8 V
- 0.2 V
- 0.6 V
V
= 0 V
GS
T = 25°C
TYP V
= - 2.0 V
GS(off)
A
- 1.2 V
- 1.4 V
N-Channel Switch
(continued)


Similar Part No. - J111_01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
J111-D26Z ONSEMI-J111-D26Z Datasheet
450Kb / 11P
   N-Channel Switch
April, 2021 ??Rev. 4
logo
Fairchild Semiconductor
J111-D74Z FAIRCHILD-J111-D74Z Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
ON Semiconductor
J111-D74Z ONSEMI-J111-D74Z Datasheet
450Kb / 11P
   N-Channel Switch
April, 2021 ??Rev. 4
logo
CIT Relay & Switch
J1111AS100VDC CIT-J1111AS100VDC Datasheet
167Kb / 2P
   CIT SWITCH
J1111AS12VDC CIT-J1111AS12VDC Datasheet
167Kb / 2P
   CIT SWITCH
More results

Similar Description - J111_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com