Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65056RSMTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65056RSMTG4
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65056RSMTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65056RSMTG4 Datasheet HTML 3Page - Texas Instruments TPS65056RSMTG4 Datasheet HTML 4Page - Texas Instruments TPS65056RSMTG4 Datasheet HTML 5Page - Texas Instruments TPS65056RSMTG4 Datasheet HTML 6Page - Texas Instruments TPS65056RSMTG4 Datasheet HTML 7Page - Texas Instruments TPS65056RSMTG4 Datasheet HTML 8Page - Texas Instruments TPS65056RSMTG4 Datasheet HTML 9Page - Texas Instruments TPS65056RSMTG4 Datasheet HTML 10Page - Texas Instruments TPS65056RSMTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
www.ti.com
PIN ASSIGNMENTS
DEFLDO3
EN_LDO4
TPS65052
EN_LDO3
RESET
DEFLDO4
VLDO4
VINLDO3/4
VLDO3
MODE
EN_DCDC1
EN_DCDC2
EN_LDO1
EN_LDO2
VINLDO1
VLDO1
DEFLDO1
DEFLDO3
EN_LDO4
TPS65050
EN_LDO3
PB_OUT
DEFLDO4
VLDO4
VINLDO3/4
VLDO3
MODE
EN_DCDC1
EN_DCDC2
EN_LDO1
EN_LDO2
VINLDO1
VLDO1
DEFLDO1
FB3
EN_LDO4
TPS65051
TPS65054
TPS65056
EN_LDO3
RESET
FB4
VLDO4
VINLDO3/4
VLDO3
MODE
EN_DCDC1
EN_DCDC2
EN_LDO1
EN_LDO2
VINLDO1
VLDO1
FB1
TPS65050, TPS65051, TPS65052
TPS65054, TPS65056
SLVS710 – JANUARY 2007
RSM PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
TPS65050
TPS65051
TPS65052
TPS65054
TPS65056
Power supply for digital and analog circuitry of DCDC1, DCDC2
VCC
3
3
3
3
3
I
and LDOs. This pin must be connected to the same voltage supply
as VINDCDC1/2.
Input to adjust output voltage of converter 1 between 0.6 V and VI.
FB_DCDC1
24
24
24
24
24
I
Connect external resistor divider between VOUT1, this pin, and
GND.
Select between Power Safe Mode and forced PWM Mode for
DCDC1 and DCDC2. In Power Safe Mode, PFM is used at light
MODE
32
32
32
32
32
I
loads, PWM for higher loads. If PIN is set to high level, forced
PWM Mode is selected. If Pin has low level, then the device
operates in Power Safe Mode.
Input voltage for VDCDC1 and VDCDC2 step-down converter.
VINDCDC1/2
21
21
21
21
21
I
This must be connected to the same voltage supply as VCC.
Feedback voltage sense input, connect directly to the output of
VDCDC2
18
18
18
18
18
I
converter 2.
TPS65050 and TPS65051: Feedback pin for converter 2. Connect
DEFDCDC2 to the center of the external resistor divider.
TPS65052 and TPS65056: Select pin of converter 2 output
DEFDCDC2
17
17
17
17
17
I
voltage.
High = 1.3 V, Low = 1 V
TPS65054: Select pin of converter 2 output voltage.
High = 1.05 V, Low = 1.3 V
L1
22
22
22
22
22
O
Switch pin of converter 1. Connected to Inductor .
7
Submit Documentation Feedback


Similar Part No. - TPS65056RSMTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65056RSMTG4 TI-TPS65056RSMTG4 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65056RSMTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050-Q1 TI1-TPS65050-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com