Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP411ADGKTG4 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TMP411ADGKTG4
Description  짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP411ADGKTG4 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  TMP411ADGKTG4 Datasheet HTML 1Page - Burr-Brown (TI) TMP411ADGKTG4 Datasheet HTML 2Page - Burr-Brown (TI) TMP411ADGKTG4 Datasheet HTML 3Page - Burr-Brown (TI) TMP411ADGKTG4 Datasheet HTML 4Page - Burr-Brown (TI) TMP411ADGKTG4 Datasheet HTML 5Page - Burr-Brown (TI) TMP411ADGKTG4 Datasheet HTML 6Page - Burr-Brown (TI) TMP411ADGKTG4 Datasheet HTML 7Page - Burr-Brown (TI) TMP411ADGKTG4 Datasheet HTML 8Page - Burr-Brown (TI) TMP411ADGKTG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TMP411
SBOS383A − FEBRUARY 2007
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C and VS = 5.0V, unless otherwise noted.
3
2
1
0
−1
−2
−3
REMOTE TEMPERATURE ERROR
vs TEMPERATURE
Ambient Temperature, T
A (_ C)
−50
−25
125
100
75
50
25
0
V
S =3.3V
T
REMOTE =+25_ C
30 Typical Units Shown
η =1.008
Figure 1.
Figure 2.
LOCAL TEMPERATURE ERROR
vs TEMPERATURE
Ambient Temperature, T
A (_ C)
3.0
2.0
1.0
0
1.0
2.0
3.0
50
125
25
0
25
50
75
100
50 Units Shown
V
S =3.3V
60
40
20
0
−20
−40
−60
REMOTE TEMPERATURE ERROR
vs LEAKAGE RESISTANCE
Leakage Resistance (M
Ω)
0
5
10
15
20
25
30
R−GND
R−V
S
Figure 3.
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
(Diode−Connected Transistor, 2N3906 PNP)
R
S ( Ω)
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
03500
500
1000
1500
2000
2500
3000
V
S =2.7V
V
S =5.5V
Figure 4.
REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE
(GND Collector−Connected Transistor, 2N3906 PNP)
R
S ( Ω)
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
03500
500
1000
1500
2000
2500
3000
V
S =2.7V
V
S =5.5V
Figure 5.
3
2
1
0
−1
−2
−3
REMOTE TEMPERATURE ERROR
vs DIFFERENTIAL CAPACITANCE
Capacitance (nF)
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 6.


Similar Part No. - TMP411ADGKTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP411ADGKTG4 BURR-BROWN-TMP411ADGKTG4 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP411ADGKTG4 TI-TMP411ADGKTG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADGKTG4 TI1-TMP411ADGKTG4 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
More results

Similar Description - TMP411ADGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP400 TI-TMP400 Datasheet
569Kb / 25P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411-Q1 TI-TMP411-Q1_15 Datasheet
2Mb / 40P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_13 Datasheet
973Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411ADRG4 TI-TMP411ADRG4 Datasheet
747Kb / 32P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP411 TI1-TMP411_16 Datasheet
1,012Kb / 33P
[Old version datasheet]   Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
logo
Burr-Brown (TI)
TMP411 BURR-BROWN-TMP411 Datasheet
369Kb / 25P
   짹1C Remote and Local TEMPERATURE SENSOR with N-Factor and Series Resistance Correction
logo
Texas Instruments
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com