Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA78MXX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # KA78MXX
Description  3-Terminal 0.5A Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA78MXX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button KA78MXX Datasheet HTML 3Page - Fairchild Semiconductor KA78MXX Datasheet HTML 4Page - Fairchild Semiconductor KA78MXX Datasheet HTML 5Page - Fairchild Semiconductor KA78MXX Datasheet HTML 6Page - Fairchild Semiconductor KA78MXX Datasheet HTML 7Page - Fairchild Semiconductor KA78MXX Datasheet HTML 8Page - Fairchild Semiconductor KA78MXX Datasheet HTML 9Page - Fairchild Semiconductor KA78MXX Datasheet HTML 10Page - Fairchild Semiconductor KA78MXX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
KA78MXX
7
Electrical Characteristics (KA78M18) (Continued)
(Refer to the test circuits, 0 < TJ < +125
°C, IO=350mA, VI=26V, unless otherwise specified, CI =0.33µF, CO=0.1µF)
Note:
1. Load and line regulation are specified at constant, junction temperature. Change in Vo due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = +25
°C
17.3
18
18.7
V
IO = 5 to 350mA
VI = 20.5 to 33V
17.1
18
18.9
Line Regulation (Note1)
∆VO
IO = 200mA
TJ =+25
°C
VI = 21 to 33V
-
-
100
mV
VI = 24 to 33V
-
-
50
Load Regulation (Note1)
∆VΟ
IO = 5mA to 0.5A, TJ = +25
°C
-
-
360
mV
IO = 5mA to 200mA, TJ = +25
°C
-
-
180
Quiescent Current
IQ
TJ =+25
°C-
4.2
6.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 350mA
-
-
0.5
mA
IO = 200mA
VI = 21 to 33V
--
0.8
Output Voltage Drift
∆V/∆TIO = 5mATJ = 0 to 125°C-
-1.1
-
mV/
°C
Output Noise Voltage
VN
f = 10Hz to 100kHz
-
100
-
µV/Vo
Ripple Rejection
RR
f = 120Hz, IO=300mA , VI=22 to 32V
TJ = +25
°C
-70
-
dB
Dropout Voltage
VD
TJ = +25
°C, IO=500mA
-
2
-
V
Short Circuit Current
ISC
TJ = +25
°C, VI=35V
-
300
-
mA
Peak Current
IPK
TJ = +25
°C
-
700
-
mA


Similar Part No. - KA78MXX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
KA78MXX FAIRCHILD-KA78MXX Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results

Similar Description - KA78MXX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX Datasheet
81Kb / 16P
   3-terminal 0.5A positive voltage regulator
MC78MXX FAIRCHILD-MC78MXX Datasheet
88Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
KODENSHI_AUK CORP.
SN78M05D KODENSHI-SN78M05D Datasheet
599Kb / 18P
   3 Terminal 0.5A Positive Voltage Regulator
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX Datasheet
419Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com