Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA51813TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA51813TR
Description  40V 3.5A quad power half bridge
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA51813TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA51813TR Datasheet HTML 3Page - STMicroelectronics STA51813TR Datasheet HTML 4Page - STMicroelectronics STA51813TR Datasheet HTML 5Page - STMicroelectronics STA51813TR Datasheet HTML 6Page - STMicroelectronics STA51813TR Datasheet HTML 7Page - STMicroelectronics STA51813TR Datasheet HTML 8Page - STMicroelectronics STA51813TR Datasheet HTML 9Page - STMicroelectronics STA51813TR Datasheet HTML 10Page - STMicroelectronics STA51813TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
STA518
Pins description
7/19
Table 2.
Functional Pin Status
18
NC
Not connected
19
GND-clean
Logical ground
20
GND-Reg
Ground for regulator Vdd
21 ; 22
Vdd
5V Regulator referred to ground
23
VL
Logic Reference Voltage
24
CONFIG
Configuration pin
25
PWRDN
Stand-by pin
26
TRI-STATE
Hi-Z pin
27
FAULT
Fault pin advisor
28
TH-WAR
Thermal warning advisor
29
IN1A
Input of half bridge 1A
30
IN1B
Input of half bridge 1B
31
IN2A
Input of half bridge 2A
32
IN2B
Input of half bridge 2B
33 ; 34
Vss
5V Regulator referred to +Vcc
Pin Name
Pin N.
Logical value
IC - STATUS
FAULT
27
0
Fault detected (Short circuit,
or Thermal.)
FAULT *
27
1
Normal Operation
TRI-STATE
26
0
All powers in Hi-Z state
TRI-STATE
26
1
Normal operation
PWRDN
25
0
Low consumption
PWRDN
25
1
Normal operation
THWAR
28
0
Temperature of the IC =130C
THWAR(1)
1.
The pin is open collector. To have the high logic value, it needs to be pulled up by a resistor.
28
1
Normal operation
CONFIG
24
0
Normal Operation
CONFIG(2)
2.
To put CONFIG = 1 means connect Pin 24 (CONFIG) to Pins 21, 22 (Vdd) to implemented single BTL
(MONO MODE) operation for high current.
24
1
OUT1A=OUT1B ;
OUT2A=OUT2B
(IF IN1A = IN1B; IN2A = IN2B)
Table 1.
Pin Function (continued)
Pin
Description
35 ; 36
Vcc Sign
Signal Positive supply


Similar Part No. - STA51813TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
STA518ATR STMICROELECTRONICS-STA518ATR Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
More results

Similar Description - STA51813TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
   40V 3.5A QUAD POWER HALF BRIDGE
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
   40V 3.5A QUAD POWER HALF BRIDGE
STA501 STMICROELECTRONICS-STA501 Datasheet
95Kb / 8P
   40V 3.5A DOUBLE POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500_06 Datasheet
245Kb / 11P
   30V 3.5A QUAD POWER HALF BRIDGE
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
   30V 3.5A QUAD POWER HALF BRIDGE
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
   45V 3.5A QUAD POWER HALF BRIDGE
November 2004
logo
Monolithic Power System...
MP8060 MPS-MP8060 Datasheet
322Kb / 10P
   16V, 3.5A Quad Channel Power Half-Bridge
logo
STMicroelectronics
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
   40V 4A QUAD POWER HALF BRIDGE
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
   40V 4.5A QUAD POWER HALF BRIDGE
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
   40V 4.5A QUAD POWER HALF BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com