Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX5310 Datasheet(PDF) 6 Page - California Eastern Labs

Part # NX5310
Description  1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5310 Datasheet(HTML) 6 Page - California Eastern Labs

  NX5310_06 Datasheet HTML 1Page - California Eastern Labs NX5310_06 Datasheet HTML 2Page - California Eastern Labs NX5310_06 Datasheet HTML 3Page - California Eastern Labs NX5310_06 Datasheet HTML 4Page - California Eastern Labs NX5310_06 Datasheet HTML 5Page - California Eastern Labs NX5310_06 Datasheet HTML 6Page - California Eastern Labs NX5310_06 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NX5310 Series
<R>
TYPICAL CHARACTERISTICS (TC = 25
°C, unless otherwise specified)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
12
3
40
30
20
10
50
0
400
1 200
800
10
5
0
OPTICAL OUTPUT POWER
vs. MONITOR CURRENT
Monitor Current Im ( A)
µ
SPECTRUM
Wavelength
λ (nm)
1 310
1 300
1 320
1 330
–10
–20
–30
–40
–50
–60
–70
–80
–90
TOLERANCE OF FIBER
COUPLING DISTANCE (Z)
Z-Axis Tolerance Z (mm)
0.80
0.60
0.40
0.20
0
5.4
5.6
5.2
6.0
5.8
6.2
Pf
Po = 5.0 mW
Z
SMF
Remark The graphs indicate nominal characteristics.
Data Sheet PL10526EJ02V0DS
6


Similar Part No. - NX5310_06

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5310EH-AZ CEL-NX5310EH-AZ Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX5310EK-AZ CEL-NX5310EK-AZ Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
More results

Similar Description - NX5310_06

ManufacturerPart #DatasheetDescription
logo
NEC
NX5321 NEC-NX5321 Datasheet
87Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5321 CEL-NX5321 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, FTTH InGaAsP MQW-FP LASER DIODE
NX5322 CEL-NX5322 Datasheet
190Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
NX5312 CEL-NX5312_06 Datasheet
285Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5322 NEC-NX5322 Datasheet
94Kb / 7P
   1 310 nm FOR 156 Mb/s, 622 Mb/s, 1.25 Gb/s, InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NX6308GH RENESAS-NX6308GH_15 Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
PL10692EJ03V0DS RENESAS-PL10692EJ03V0DS Datasheet
221Kb / 9P
   1 310 nm InGaAsP MQW-DFB LASER DIODE FOR 1.25 Gb/s FTTH PON APPLICATION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com