Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79918DDCRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79918DDCRG4
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79918DDCRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS79918DDCRG4 Datasheet HTML 1Page - Texas Instruments TPS79918DDCRG4 Datasheet HTML 2Page - Texas Instruments TPS79918DDCRG4 Datasheet HTML 3Page - Texas Instruments TPS79918DDCRG4 Datasheet HTML 4Page - Texas Instruments TPS79918DDCRG4 Datasheet HTML 5Page - Texas Instruments TPS79918DDCRG4 Datasheet HTML 6Page - Texas Instruments TPS79918DDCRG4 Datasheet HTML 7Page - Texas Instruments TPS79918DDCRG4 Datasheet HTML 8Page - Texas Instruments TPS79918DDCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
TPS799xxDDC
TSOT23-5
(TOPVIEW)
OUT
NR
IN
GND
EN
1
2
3
5
4
TPS799xxYZU
WCSP
(TOPVIEW)
C3
C1
B2
A3
A1
OUT
EN
IN
GND
NR
GND
TPS79901YZU
WCSP
(TOPVIEW)
OUT
EN
IN
FB
C3
C1
B2
A3
A1
TPS79901DDC
TSOT23-5
(TOPVIEW)
OUT
FB
IN
GND
EN
1
2
3
5
4
TPS799xxDRV
2mmx2mmSON-6
(TOPVIEW)
IN
N/C
EN
6
5
4
OUT
NR
GND
1
2
3
GND
TPS79901DRV
2mmx2mmSON-6
(TOPVIEW)
IN
N/C
EN
6
5
4
OUT
FB
GND
1
2
3
GND
TPS799xx
SBVS056H – JANUARY 2005 – REVISED MAY 2007
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR
Low Dropout Linear Regulator
• 200mA Low Dropout Regulator with EN
The
TPS799xx
family
of
low-dropout
(LDO)
low-power
linear
regulators
offer
excellent
AC
• Low I
Q: 40µA
performance with very low ground current. High
• Multiple Output Voltage Versions Available:
power-supply rejection ratio (PSRR), low noise, fast
Fixed Outputs of 1.2V to 4.5V Using
start-up, and excellent line and load transient
Innovative Factory EEPROM Programming
response are provided while consuming a very low
40
µA (typical) ground current. The TPS799xx is
Adjustable Outputs from 1.20V to 6.5V
stable
with
ceramic
capacitors
and
uses
an
• High PSRR: 66dB at 1kHz
advanced BiCMOS fabrication process to yield
• Ultra-low Noise: 29.5µV
RMS
dropout voltage typically 100mV at 200mA output.
The TPS799xx uses a precision voltage reference
• Fast Start-Up Time: 45µs
and feedback loop to achieve overall accuracy of 2%
• Stable with a Low-ESR, 2.0µF Typical Output
over
all
load,
line,
process,
and
temperature
Capacitance
variations. It is fully specified from TJ = –40°C to
• Excellent Load/Line Transient Response
+125
°C and is offered in low profile ThinSOT23,
Wafer Chip-Scale (WCSP), and 2mm
× 2mm SON
• 2% Overall Accuracy (Load/Line/Temp)
packages, ideal for wireless handsets and WLAN
• Very Low Dropout: 100mV
cards.
• ThinSOT-23, WCSP, and 2mm × 2mm SON-6
Packages
• Cellular Phones
• Wireless LAN, Bluetooth®
• VCOs, RF
• Handheld Organizers, PDAs
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS79918DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79918DDCRG4 TI-TPS79918DDCRG4 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS79918DDCRG4 TI-TPS79918DDCRG4 Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79918DDCRG4 TI-TPS79918DDCRG4 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79918DDCRG4 TI-TPS79918DDCRG4 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79918DDCRG4 TI-TPS79918DDCRG4 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79918DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com