Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NX6301 Datasheet(HTML) 4 Page - California Eastern Labs

Part No. NX6301
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NX6301 Datasheet(HTML) 4 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 4 page
background image
OUTLINE DIMENSIONS (Units in mm)
BOTTOM VIEW
PIN CONNECTIONS
NX6301SH
NX6301SI
NX6301SJ
NX6301SK
NX6301S SERIES
NX6301G SERIES
BOTTOM VIEW
PIN CONNECTIONS
NX6301GK
NX6301GI
NX6301GJ
NX6301GH
*n = 1.48 Bolosilicate Glass
1
2
3
4
ø5.6
+0.00
-0.03
ø4.3±0.1
ø3.75±0.05
ø0.45
(four places)
ø2.0
0.3
+0.1
-0.0
0.3
+0.1
-0.0
1.0±0.1
110°±2°
Focal Point
1 (CASE)
1 (CASE)
1 (CASE)
1 (CASE)
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
P.C.D.
1 (CASE)
1 (CASE)
1 (CASE)
1 (CASE)
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
2
3
4
PD
LD
1
2
3
4
ø3.55±0.05
1.0±0.1
ø5.6
+0.00
-0.03
ø4.2±0.1
0.3
+0.1
-0.0
0.3
+0.1
-0.0
ø1.0 MIN
ø1.6±0.1
1.2±0.1
1.27±0.1
LD CHIP
REFERENCE
PLANE
ø0.45
(4 places)
ø2.0
P.C.D.
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL
for all damages resulting from such improper use or sale.
A Business Partner of NEC Compound Semiconductor Devices, Ltd.
02/19/2003
NX6301 SERIES
PART NUMBER
PACKAGE
NX6301SH
4-pin CAN with flat glass cap
NX6301SI
NX6301SJ
NX6301SK
NX6301GH
4-pin with aspherical lens cap
NX6301GI
NX6301GJ
NX6301GK
ORDERING INFORMATION


Html Pages

1  2  3  4 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn