Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA20-PB Datasheet(PDF) 3 Page - LEM

Part # LA20-PB
Description  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA20-PB Datasheet(HTML) 3 Page - LEM

  LA20-PB Datasheet HTML 1Page - LEM LA20-PB Datasheet HTML 2Page - LEM LA20-PB Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
051102/6
LEM Industrial
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Page 3/3
Dimensions LA 03..20-PB (in mm. 1 mm = 0.0394 inch)
Safety
This transducer must be used in electric/electronic equipment
with respect to applicable standards and safety requirements
in accordance with the following manufacturer's operating
instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can
carry hazardous voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious
damage.
This transducer is a built-in device, whose conducting parts
must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
1
2
3
4
Primary Conduc tor
4-0.5*0.25
T erminal Pin Identification
3
+Vcc
1
-Vcc
4
Output
2
0V
19 +/-1
2
15 +/-1
Signal Pins
Primary Conductor
Part No.
Diameter
LA 03-P
LA 05-P
LA 10-P
LA 15-P
LA 20-P
0.5 d
0.5 d
0.65 d
0.8 d
1.0 d
See the attached table
Signal Pins
5 (+)
6 (-)
Direction of Current Flow
3-p=2.54
6 +/-1
5
6
Front V ie w
Right V ie w
Bottom V ie w
1
2
3
4
LA 03-PB
LA 05-PB
LA 10-PB
LA 15-PB
LA 20-PB


Similar Part No. - LA20-PB

ManufacturerPart #DatasheetDescription
logo
LEM
LA20-PB LEM-LA20-PB Datasheet
24Kb / 2P
   Current Transducer LA 03~20-PB
More results

Similar Description - LA20-PB

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com