Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA25-NP Datasheet(PDF) 2 Page - LEM

Part # LA25-NP
Description  Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA25-NP Datasheet(HTML) 2 Page - LEM

  LA25-NP Datasheet HTML 1Page - LEM LA25-NP Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions LA 25-NP/SP14 (in mm. 1 mm = 0.0394 inch)
Secondary terminals
Terminal + : supply voltage + 15 V
Terminal M : measure
Terminal
-
: supply voltage - 15 V
Connection
Remark
I
S is positive when IP flows from terminal + to terminal -.
Mechanical characteristics
General tolerance
± 0.2 mm
Fastening & connection of primary
2 pins
0.635 x 0.635 mm
Fastening & connection of secondary 3 pins ∅ 1 mm
Recommended PCB hole
1.2 mm
Right view
Bottom view
Top view
Back view
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
swiss
made
Standard 00
Year
Week
or N° SP..
in
out


Similar Part No. - LA25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
   Current Transducer LA 25-NP
LA25-NP LEM-LA25-NP Datasheet
116Kb / 2P
   Current Transducer
LA25-NP LEM-LA25-NP Datasheet
251Kb / 2P
   Current Transducer
LA25-NP LEM-LA25-NP Datasheet
130Kb / 3P
   Current Transducer
LA25-NP-SP7 LEM-LA25-NP-SP7 Datasheet
201Kb / 3P
   Current Transducer
More results

Similar Description - LA25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com