Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAX100-NP Datasheet(PDF) 8 Page - LEM

Part # LAX100-NP
Description  Current Transducer LAX SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAX100-NP Datasheet(HTML) 8 Page - LEM

Back Button LAX100-NP Datasheet HTML 4Page - LEM LAX100-NP Datasheet HTML 5Page - LEM LAX100-NP Datasheet HTML 6Page - LEM LAX100-NP Datasheet HTML 7Page - LEM LAX100-NP Datasheet HTML 8Page - LEM LAX100-NP Datasheet HTML 9Page - LEM LAX100-NP Datasheet HTML 10Page - LEM LAX100-NP Datasheet HTML 11Page - LEM LAX100-NP Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page 8/12
www.lem.com
070213/7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
The schematic used to measure all electrical parameters is:
(C
1 = C2 = 100 nF, RM = 50 Ω unless otherwise noted):
Figure 17 : standard characterization schematics
Ampere-turns and amperes
The LAX transducer is sensitive to the primary current linkage
Θ
P (also called ampere-turns).
Θ
P = NPIP
(At)
With N
P the number of primary turn (1, 2 or 3
depending on the connection of the primary jumpers)
Warning : As most LAX user will use it with only one single
primary turn (N
P = 1), most of this datasheet is written with
primary currents instead of current linkages. The unit is kept as
ampere-turn (At) to make clear that ampere-turns are meant.
Transducer simplified model
The static model of the transducer at temperature T
A is:
I
S = G ΘP
+ error
In which
error = I
OE + IOT(TA) +
ε
GΘP +
ε
L(ΘPmaxi)ΘPmaxi
With :
Θ
P = NPIP : the input ampere-turns (At)
Please read above warning.
Θ
Pmaxi
: the maxi input ampere-turns that have
been applied to the transducer (At)
I
S
: the secondary current (A)
T
A
: the ambient temperature (°C)
I
OE
: the electrical offset current (A)
I
OT(TA)
: the temperature variation of I
O
at
temperature T
A (A)
G
: the sensitivity of the transducer (A/At)
ε
G
: the sensitivity error
ε
L (ΘPmaxi) : the linearity error for ΘPmaxi
This model is valid for primary ampere-turns
Θ
P between
-
Θ
Pmaxi and +ΘPmaxi only.
At zero input current, the model for the offset is reduced to:
I
S = IOE + IOT(TA) + IOM(ΘPmaxi)
In which I
OM(ΘPmaxi) is the magnetic offset current due to the
maximum input ampere-turns that have been applied to the
transducer.
Sensitivity and linearity
To measure sensitivity and linearity, the primary current (DC) is
cycled from 0 to I
P, then to -IP and back to 0 (equally spaced IP/
10 steps).
The sensitivity G is defined as the slope of the linear regression
line for a cycle between ± I
PN.
The linearity error
ε
L is
the maximum positive or negative
difference between the measured points and the linear regression
line, expressed in % of the maximum measured value.
Magnetic offset
The magnetic offset current I
OM is the consequence of a current
on the primary side ("memory effect" of the transducer's ferro-
magnetic parts). It is included in the linearity figure but can be
measured individually.
It is measured using the following primary current cycle.
I
OM depends on the current value IP1.
Figure 18: current cycle used to measure magnetic and
electrical offset (transducer supplied)
IP
IS
+VC
RM
C1
C2
0 V
-VC
+
-
M
IP (DC)
-IP1
IP1
0 A
t1
t
t
Ip(3)
t2
2
)
(
)
(
2
1
t
Is
t
Is
OM
I
=
Performance parameters definition
LAX series 16-100 A


Similar Part No. - LAX100-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LAX-100-NP LEM-LAX-100-NP Datasheet
431Kb / 12P
   Current Transducer LAX SERIES
logo
List of Unclassifed Man...
LAXC021T0B-Q1 ETC2-LAXC021T0B-Q1 Datasheet
33Kb / 1P
   IC for LCD TV
logo
Taiyo Yuden (U.S.A.), I...
LAXHG5050XAT100MMR TAIYO-YUDEN-LAXHG5050XAT100MMR Datasheet
407Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2023/12/13
LAXHG5050XAT150MMR TAIYO-YUDEN-LAXHG5050XAT150MMR Datasheet
406Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2024/1/9
LAXHG5050XAT220MMR TAIYO-YUDEN-LAXHG5050XAT220MMR Datasheet
406Kb / 3P
   Wire-wound Ferrite Power Inductors LAXH series for Automotive Powertrain and Safety
2023/12/13
More results

Similar Description - LAX100-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LAX-100-NP LEM-LAX-100-NP Datasheet
431Kb / 12P
   Current Transducer LAX SERIES
CAS-25-NP LEM-CAS-25-NP Datasheet
1Mb / 16P
   Current Transducer CAS series
CTSR-0.6-P LEM-CTSR-0.6-P Datasheet
675Kb / 11P
   Current Transducer CTSR series
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com