Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21065LKCA-264 Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-21065LKCA-264
Description  DSP Microcomputer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21065LKCA-264 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-21065LKCA-264 Datasheet HTML 6Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 7Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 8Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 9Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 10Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 11Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 12Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 13Page - Analog Devices ADSP-21065LKCA-264 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
REV. C
ADSP-21065L
–10–
Pin
Type
Function
SDA10
O/T
SDRAM A10 Pin. Enables applications to refresh an SDRAM in parallel with a host access.
XTAL
O
Crystal Oscillator Terminal. Used in conjunction with CLKIN to enable the ADSP-21065L’s
internal clock generator or to disable it to use an external clock source. See CLKIN.
PWM_EVENT
1-0
I/O/A
PWM Output/Event Capture. In PWMOUT mode, is an output pin and functions as a timer
counter. In WIDTH_CNT mode, is an input pin and functions as a pulse counter/event capture.
VDD
P
Power Supply; nominally +3.3 V dc. (33 pins)
GND
G
Power Supply Return. (37 pins)
NC
Do Not Connect. Reserved pins that must be left open and unconnected. (7 pins)
CLOCK SIGNALS
The ADSP-21065L can use an external clock or a crystal. See
CLKIN pin description. You can configure the ADSP-21065L
to use its internal clock generator by connecting the necessary
components to CLKIN and XTAL. You can use either a crystal
operating in the fundamental mode or a crystal operating at an
overtone. Figure 4 shows the component connections used for a
crystal operating in fundamental mode, and Figure 5 shows
the component connections used for a crystal operating at an
overtone.
CLKIN
X1
XTAL
C1
C2
SUGGESTED COMPONENTS FOR 30 MHz OPERATION:
ECLIPTEK EC2SM-33-30.000M (SURFACE MOUNT PACKAGE)
ECLIPTEK EC-33-30.000M (THROUGH-HOLE PACKAGE)
C1 = 33pF
C2 = 27pF
NOTE: C1 AND C2 ARE SPECIFIC TO CRYSTAL SPECIFIED FOR X1.
CONTACT CRYSTAL MANUFACTURER FOR DETAILS.
Figure 4. 30 MHz Operation (Fundamental Mode Crystal)
CLKIN
XTAL
C1
C2
SUGGESTED COMPONENTS FOR 30MHz OPERATION:
ECLIPTEK EC2SM-T-30.000M (SURFACE MOUNT PACKAGE)
ECLIPTEK ECT-30.000M (THROUGH-HOLE PACKAGE)
C1 = 18pF
C2 = 27pF
C3 = 75pF
L1 = 3300nH
RS = SEE NOTE.
NOTE: C1, C2, C3, RS AND L1 ARE SPECIFIC TO CRYSTAL SPECIFIED
FOR X1. CONTACT MANUFACTURER FOR DETAILS.
C3
RS
L1
X1
Figure 5. 30 MHz Operation (3rd Overtone Crystal)
TARGET BOARD CONNECTOR FOR EZ-ICE PROBE
The ADSP-2106x EZ-ICE emulator uses the IEEE 1149.1
JTAG test access port of the ADSP-2106x to monitor and con-
trol the target board processor during emulation. The EZ-ICE
probe requires the ADSP-2106x’s CLKIN, TMS, TCK,
TRST,
TDI, TDO,
EMU and GND signals be made accessible on the
target system via a 14-pin connector (a 2 row x 7 pin strip header)
such as that shown in Figure 6. The EZ-ICE probe plugs directly
onto this connector for chip-on-board emulation. You must add
this connector to your target board design if you, intend to use
the ADSP-2106x EZ-ICE.
The total trace length between the EZ-ICE connector and the
furthest device sharing the EZ-ICE JTAG pins should be lim-
ited to 15 inches maximum for guaranteed operation. This
restriction on length must include EZ-ICE JTAG signals, which
are routed to one or more 2106x devices or to a combination of
2106xs and other JTAG devices on the chain.
The 14-pin, 2-row pin strip header is keyed at the Pin 3 loca-
tion—you must remove Pin 3 from the header. The pins must
be 0.025 inch square and at least 0.20 inch in length. Pin spac-
ing should be 0.1
¥ 0.1 inches. Pin strip headers are available
from vendors such as 3M, McKenzie and Samtec.
TOP VIEW
13
14
11
12
910
9
78
5
6
34
12
EMU
CLKIN (OPTIONAL)
TMS
TCK
TRST
TDI
TDO
GND
KEY (NO PIN)
BTMS
BTCK
BTRST
BTDI
GND
Figure 6. Target Board Connector for ADSP-2106x EZ-ICE
(JTAG Header)


Similar Part No. - ADSP-21065LKCA-264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21065LKCA-264 AD-ADSP-21065LKCA-264 Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKCA-264 AD-ADSP-21065LKCA-264 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKCA-264 AD-ADSP-21065LKCA-264 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
More results

Similar Description - ADSP-21065LKCA-264

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com