Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF305-S Datasheet(PDF) 2 Page - LEM

Part # LF305-S
Description  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF305-S Datasheet(HTML) 2 Page - LEM

  LF305-S_06 Datasheet HTML 1Page - LEM LF305-S_06 Datasheet HTML 2Page - LEM LF305-S_06 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
page 2/3
061031/7
Current Transducer LF 305-S
Isolation characteristics
V
d
Rms voltage for AC isolation test, 50/60 Hz, 1 mn
3.8
kV
V
w
Impulse withstand voltage 1.2/50 µs
10
kV
dCp
Creepage distance
11.9
mm
dCl
Clearance distance
11.5
mm
CTI
Comparative Tracking Index (Group II)
175
Application examples
According to EN 50178 and IEC 61010-1 standards and following conditions:
Over voltage category OV 3
Pollution degree PD2
Non-uniform field
Safety
This transducer must be used in electric/electronic equipment with respect to
applicable standards and safety requirements in accordance with the manufacturer's
operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
EN 50178
IEC 61010-1
dCp, dCI,
Rated isolation voltage
Nominal voltage
Single isolation
1000 V
1000 V
Reinforced isolation
500 V
500 V
V
W


Similar Part No. - LF305-S_06

ManufacturerPart #DatasheetDescription
logo
LEM
LF305-S LEM-LF305-S_11 Datasheet
489Kb / 3P
   Current Transducer
More results

Similar Description - LF305-S_06

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com