Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75LBC174ADWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC174ADWR
Description  QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC174ADWR Datasheet(HTML) 4 Page - Texas Instruments

  SN75LBC174ADWR Datasheet HTML 1Page - Texas Instruments SN75LBC174ADWR Datasheet HTML 2Page - Texas Instruments SN75LBC174ADWR Datasheet HTML 3Page - Texas Instruments SN75LBC174ADWR Datasheet HTML 4Page - Texas Instruments SN75LBC174ADWR Datasheet HTML 5Page - Texas Instruments SN75LBC174ADWR Datasheet HTML 6Page - Texas Instruments SN75LBC174ADWR Datasheet HTML 7Page - Texas Instruments SN75LBC174ADWR Datasheet HTML 8Page - Texas Instruments SN75LBC174ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN65LBC174A, SN75LBC174A
QUADRUPLE RS485 DIFFERENTIAL LINE DRIVERS
SLLS446C − OCTOBER 2000 − REVISED MAY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Voltage at any bus terminal
Y, Z
−7
12
V
High-level input voltage, VIH
A, EN
2
VCC
V
Low-level input voltage, VIL
A, EN
0
0.8
V
Output current
−60
60
mA
Operating free-air temperature, TA
SN75LBC174A
0
70
°C
Operating free-air temperature, TA
SN65LBC174A
−40
85
°C
electrical characteristics over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = −18 mA
−1.5
−0.77
V
VO
Open-circuit output voltage
Y or Z,
No load
0
VCC
V
Steady-state differential output
No load (open circuit)
3
VCC
VOD(SS)
Steady-state differential output
voltage magnitude‡
RL = 54 Ω, See Figure 1
1
1.6
2.5
V
VOD(SS)
voltage magnitude‡
With common-mode loading, See Figure 2
1
1.6
2.5
V
∆VOD(SS)
Change in steady-state differential
output voltage between logic
states
See Figure 1
−0.1
0.1
V
VOC(SS)
Steady-state common-mode
output voltage
See Figure 3
2
2.4
2.8
V
∆VOC(SS)
Change in steady-state
common-mode output voltage
between logic states
See Figure 3
−0.02
0.02
V
II
Input current
A, G, G
−50
50
µA
IOS
Short-circuit output current
VI = 0 V
−200
200
mA
IOS
Short-circuit output current
VI = VCC
−200
200
mA
IOZ
High-impedance-state output
current
VTEST = −7 V to 12 V,
See Figure 7
EN at 0 V
−50
50
µA
IO(OFF)
Output current with power off
See Figure 7
VCC = 0 V
−10
10
µA
ICC
Supply current
VI = 0 V or VCC,
All drivers enabled
23
mA
ICC
Supply current
VI = 0 V or VCC,
No load
All drivers disabled
1.5
mA
† All typical values are at VCC = 5 V and 25°C.
‡ The minimum VOD may not fully comply with TIA/EIA-485-A at operating temperatures below 0°C. System designers should take the possibly
of lower output signal into account in determining the maximum signal transmission distance.


Similar Part No. - SN75LBC174ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC174ADWR TI-SN75LBC174ADWR Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
SN75LBC174ADWRG4 TI-SN75LBC174ADWRG4 Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
More results

Similar Description - SN75LBC174ADWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC174A TI-SN65LBC174A Datasheet
435Kb / 18P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI1-SN65LBC172A_16 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC172A TI-SN65LBC172A Datasheet
480Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVERS
SN65LBC174A_07-12 TI-SN65LBC174A_07-12 Datasheet
577Kb / 21P
[Old version datasheet]   QUADRUPLE RS- 485 DIFFERENTAIL LINE DRIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC173A TI-SN65LBC173A Datasheet
200Kb / 12P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
SN65LBC175A TI-SN65LBC175A Datasheet
338Kb / 14P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
SN65LBC173A-EP TI1-SN65LBC173A-EP_17 Datasheet
881Kb / 23P
[Old version datasheet]   Quadruple RS-485 Differential Line Receiver
SN65LBC175A TI-SN65LBC175A_07 Datasheet
474Kb / 16P
[Old version datasheet]   QUADRUPLE RS-485 DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com