Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA82C250 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA82C250
Description  CAN controller interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA82C250 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA82C250 Datasheet HTML 10Page - NXP Semiconductors PCA82C250 Datasheet HTML 11Page - NXP Semiconductors PCA82C250 Datasheet HTML 12Page - NXP Semiconductors PCA82C250 Datasheet HTML 13Page - NXP Semiconductors PCA82C250 Datasheet HTML 14Page - NXP Semiconductors PCA82C250 Datasheet HTML 15Page - NXP Semiconductors PCA82C250 Datasheet HTML 16Page - NXP Semiconductors PCA82C250 Datasheet HTML 17Page - NXP Semiconductors PCA82C250 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
2000 Jan 13
14
Philips Semiconductors
Product specification
CAN controller interface
PCA82C250
BONDING PAD LOCATIONS
Note
1. All coordinates (
µm) represent the position of the centre of each pad with respect to the bottom left-hand corner of
the die (x/y = 0).
SYMBOL
PAD
COORDINATES(1)
xy
TXD
1
196
135
GND
2
1280
135
VCC
3
1767
135
RXD
4
2588
135
Vref
5
2594
1640
CANL
6
1689
1640
CANH
7
948
1640
Rs
8
196
1640
handbook, full pagewidth
PCA82C250U
1
8
7
6
5
2
34
MGL945
y
2.79 mm
x
0
0
1.78
mm
Fig.12 Bonding pad locations.


Similar Part No. - PCA82C250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C250 NXP-PCA82C250 Datasheet
100Kb / 17P
   CAN controller interface
Rev. 06-26 March 2009
PCA82C250N NXP-PCA82C250N Datasheet
232Kb / 18P
   CAN controller interface
Rev. 06-25 August 2011
PCA82C250T NXP-PCA82C250T Datasheet
100Kb / 17P
   CAN controller interface
Rev. 06-26 March 2009
PCA82C250T NXP-PCA82C250T Datasheet
232Kb / 18P
   CAN controller interface
Rev. 06-25 August 2011
More results

Similar Description - PCA82C250

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C250N NXP-PCA82C250N Datasheet
232Kb / 18P
   CAN controller interface
Rev. 06-25 August 2011
PCA82C250 NXP-PCA82C250 Datasheet
100Kb / 17P
   CAN controller interface
Rev. 06-26 March 2009
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510_07 Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
2007
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2518FD MICROCHIP-MCP2518FD Datasheet
993Kb / 96P
   External CAN FD Controller with SPI Interface
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com