Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH16543DGGR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH16543DGGR
Description  3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH16543DGGR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVTH16543DGGR Datasheet HTML 3Page - Texas Instruments SN74LVTH16543DGGR Datasheet HTML 4Page - Texas Instruments SN74LVTH16543DGGR Datasheet HTML 5Page - Texas Instruments SN74LVTH16543DGGR Datasheet HTML 6Page - Texas Instruments SN74LVTH16543DGGR Datasheet HTML 7Page - Texas Instruments SN74LVTH16543DGGR Datasheet HTML 8Page - Texas Instruments SN74LVTH16543DGGR Datasheet HTML 9Page - Texas Instruments SN74LVTH16543DGGR Datasheet HTML 10Page - Texas Instruments SN74LVTH16543DGGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SN54LVTH16543, SN74LVTH16543
3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS699D – JULY 1997 – REVISED APRIL 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
SN54LVTH16543
SN74LVTH16543
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LEAB or LEBA low
3.3
3.3
3.3
3.3
ns
A or B before
Data high
0.5
0.5
0.5
0.5
t
Setup time
A or B before
LEAB
↑ or LEBA↑
Data low
0.8
1.3
0.8
1.3
ns
tsu
Setup time
A or B before
Data high
0
0
0
0
ns
A or B before
CEAB
↑ or CEBA↑
Data low
0.6
1.1
0.6
1.1
A or B after
Data high
1.5
0.7
1.5
0.7
th
Hold time
A or B after
LEAB
↑ or LEBA↑
Data low
1.2
1.3
1.2
1.3
ns
th
Hold time
A or B after
Data high
1.7
0.9
1.7
0.9
ns
CEAB
↑ or CEBA↑
Data low
1.6
1.8
1.6
1.8
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVTH16543
SN74LVTH16543
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
tPLH
AorB
BorA
1.1
3.4
3.9
1.2
2.3
3.2
3.7
ns
tPHL
A or B
B or A
1.1
3.4
3.9
1.2
2.1
3.2
3.7
ns
tPLH
LE
AorB
1.2
4.1
5.1
1.3
2.5
3.9
4.9
ns
tPHL
LE
A or B
1.2
4.1
5.1
1.3
2.3
3.9
4.9
ns
tPZH
OE
AorB
1.2
4.5
5.6
1.3
2.8
4.3
5.4
ns
tPZL
OE
A or B
1.2
4.5
5.6
1.3
2.8
4.3
5.4
ns
tPHZ
OE
AorB
1.9
4.9
5.4
2
3.5
4.7
5.2
ns
tPLZ
OE
A or B
1.9
4.6
4.7
2
3.3
4.4
4.5
ns
tPZH
CE
AorB
1.2
4.7
5.8
1.3
3
4.5
5.6
ns
tPZL
CE
A or B
1.2
4.7
5.8
1.3
3
4.5
5.6
ns
tPHZ
CE
AorB
1.9
5.1
5.6
2
3.6
4.9
5.4
ns
tPLZ
CE
A or B
1.9
4.9
5.1
2
3.5
4.7
4.9
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVTH16543DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH16543DGGR TI-SN74LVTH16543DGGR Datasheet
138Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16543DGGR TI-SN74LVTH16543DGGR Datasheet
258Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH16543DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16543 TI-SN54LVTH16543_07 Datasheet
258Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI-SN54LVT16543 Datasheet
145Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952 Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16543 TI1-SN54LVT16543_15 Datasheet
830Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16952 TI-SN54LVTH16952_07 Datasheet
353Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT16952 TI-SN54LVT16952 Datasheet
194Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16543 TI-SN54LVTH16543 Datasheet
138Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543_07 Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT543 TI-SN54LVT543 Datasheet
335Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543_08 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com