Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVCH244APWRE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVCH244APWRE4
Description  OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVCH244APWRE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVCH244APWRE4 Datasheet HTML 1Page - Texas Instruments SN74LVCH244APWRE4 Datasheet HTML 2Page - Texas Instruments SN74LVCH244APWRE4 Datasheet HTML 3Page - Texas Instruments SN74LVCH244APWRE4 Datasheet HTML 4Page - Texas Instruments SN74LVCH244APWRE4 Datasheet HTML 5Page - Texas Instruments SN74LVCH244APWRE4 Datasheet HTML 6Page - Texas Instruments SN74LVCH244APWRE4 Datasheet HTML 7Page - Texas Instruments SN74LVCH244APWRE4 Datasheet HTML 8Page - Texas Instruments SN74LVCH244APWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
Electrical Characteristics
SN54LVCH244A
,, SN74LVCH244A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCES009O – JULY 1995 – REVISED FEBRUARY 2007
over recommended operating free-air temperature range (unless otherwise noted)
SN54LVCH244A
SN74LVCH244A
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN TYP(1) MAX
MIN TYP(1) MAX
1.65 V to 3.6 V
VCC – 0.2
IOH = –100 µA
2.7 V to 3.6 V
VCC – 0.2
IOH = –4 mA
1.65 V
1.2
VOH
IOH = –8 mA
2.3 V
1.7
V
2.7 V
2.2
2.2
IOH = –12 mA
3 V
2.4
2.4
IOH = –24 mA
3 V
2.2
2.2
1.65 V to 3.6 V
0.2
IOL = 100 µA
2.7 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
V
IOL = 8 mA
2.3 V
0.7
IOL = 12 mA
2.7 V
0.4
0.4
IOL = 24 mA
3 V
0.55
0.55
II
VI = 0 to 5.5 V
3.6 V
±5
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
VI = 0.58 V
(2)
1.65 V
VI = 1.07 V
(2)
VI = 0.7 V
45
2.3 V
II(hold)
VI = 1.7 V
–45
µA
VI = 0.8 V
75
75
3 V
VI = 2 V
–75
–75
VI = 0 to 3.6 V(3)
3..6 V
±500
±500
IOZ
VO = 0 to 5.5 V
3.6 V
±15
±10
µA
VI = VCC or GND
10
10
ICC
IO = 0
3.6 V
µA
3.6 V
≤ V
I ≤ 5.5 V
(4)
10
10
One input at VCC – 0.6 V,
∆I
CC
2.7 V to 3.6 V
500
500
µA
Other inputs at VCC or GND
Ci
VI = VCC or GND
3.3 V
4
12
4
pF
Co
VO = VCC or GND
3.3 V
5.5
12
5.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This information was not available at the time of publication.
(3)
This is the bus-hold maximum dynamic current required to switch the input from one state to another.
(4)
This applies in the disabled state only.
5
Submit Documentation Feedback


Similar Part No. - SN74LVCH244APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH244APWRE4 TI1-SN74LVCH244APWRE4 Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVCH244APWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS241C TI1-SN54ALS241C_16 Datasheet
1Mb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN54AHC540 TI1-SN54AHC540_15 Datasheet
1Mb / 27P
[Old version datasheet]   Octal Buffers/Drivers
SN54F244 TI1-SN54F244_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS
SN74AHC541 TI1-SN74AHC541_15 Datasheet
1Mb / 29P
[Old version datasheet]   Octal Buffers/Drivers
logo
Maxwell Technologies
54BCT244 MAXWELL-54BCT244 Datasheet
186Kb / 9P
   Octal Buffers/Drivers
logo
Texas Instruments
SN74LV244A TI1-SN74LV244A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal Buffers and Drivers
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com