Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QUATRO4050 Datasheet(PDF) 1 Page - Zoran Corporation

Part # QUATRO4050
Description  Programmable SOC Solution for Printers and All-in-Ones
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

QUATRO4050 Datasheet(HTML) 1 Page - Zoran Corporation

  QUATRO4050 Datasheet HTML 1Page - Zoran Corporation QUATRO4050 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Driving the Digital Lifestyle
Driving the Digital Lifestyle
Imaging
Software
Processors
Quatro SOCs
Solutions
www.zoran.com
Zoran Corporation
1390 Kifer Road
Sunnyvale, CA 94086-5305
07/06-MMCP
Imaging-Quatro 4050-PB-1.0
Cost-effective solution
Highly integrated system-on-a-chip with both PC and non-PC
interfaces, optimized for ultra-low-cost AIOs and photo printers,
enabling the lowest possible cost
Rapid time-to-market
Programmable platform for rapidly deploying innovative features and
associated image processing pipelines
High performance
Specialized imaging DSP core paired with high-performance
ARM7 CPU core
Flexible connectivity
Optional WiFi and Bluetooth wireless connectivity
• 67 MHz ARM7 CPU core
• 133 MHz Quatro 4-datapath SIMD DSP core
• 133 MHz JPEG assist module
• Integrated 16-bit scanner AFE
• USB Full-Speed device interface
• USB Full-Speed host interface
• Programmable printer and scanner mechanism control interface
with 133 MHz 8-bit flexRISC processor
• Programmable interfaces to control inkjet and dye-sub print heads,
laser engines, and scanner assemblies
• Copies 8.5" x 11" photos in 40 seconds at 600 dpi
• Complete development tool suite
• Complete reference design
• Compatible with code bases developed for other Quatro SOCs
• Extensive image processing library
Benefits
Key Features
Based on Zoran's advanced Quatro architecture, the Quatro
4050 provides OEMs with a flexible and cost-effective platform
for implementing ultra-low-cost AIO and photo printer
controllers. Building upon Zoran's Quatro 4100 and 4110
solutions, the 4050 provides a new solution that integrates a
scanner analog front-end (AFE), and enables the lowest
possible cost by focusing on a basic feature-set tailored for the
new generation of ultra-low-cost AIOs and photo printers. With
fully-programmable image processing based on the Quatro DSP,
the Quatro 4050 is ideal for PictBridge-capable AIOs, inkjet
photo printers and dye-sub photo printers.
Entry-Level Print Appliances
The entry-level segments within the market for print appliances AIOs
and direct-connect photo printers are growing dramatically and
extending into ever lower price-points. Driving this growth are lower
prices, innovative features, and the proliferation of image-rich content
from digital cameras, scanned documents, and the Web. The 4050 is
designed to address the aggressive cost requirements of these
segments. Through its full programmability, the 4050 allows OEMs to
rapidly bring products cost-optimized AIOs and photo-printers with
PictBridge photo printing to market. The sophisticated image
processing functions in the 4050 enable products that feature superb
quality, performance and usability within a simple and cost-effective
system design.
Programmable Platform
The 4050 is a highly integrated SOC solution for appliance printers
that OEMs can program to implement the features and associated
image processing required across a range of products. Because it is
programmable, the 4050 offers OEMS both significant time-to-market
advantages and differentiation over conventional ASIC solutions.
Quatro Architecture
The 4050 is based on a scalable, extensible platform for a series of
application-specific SOC solutions.
At the heart of the architecture are four key elements:
• ARM 32-bit RISC CPU core
• Quatro 4-datapath SIMD DSP core
• Industry-standard internal bus
• Easy-to-use C-based programming environment
Description
Quatro® 4050
Programmable SOC Solution for
Printers and All-in-Ones
Product Brief


Similar Part No. - QUATRO4050

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
QUATRO4100 ZORAN-QUATRO4100 Datasheet
100Kb / 2P
   Programmable SOC Solution for Printing Appliances
QUATRO4110 ZORAN-QUATRO4110 Datasheet
101Kb / 2P
   Programmable SOC Solution for Printing Appliances
QUATRO4200 ZORAN-QUATRO4200 Datasheet
128Kb / 2P
   Programmable SOC Solution for Printers and All-in-Ones
QUATRO4201 ZORAN-QUATRO4201 Datasheet
128Kb / 2P
   Programmable SOC Solution for Printers and All-in-Ones
QUATRO4202 ZORAN-QUATRO4202 Datasheet
128Kb / 2P
   Programmable SOC Solution for Printers and All-in-Ones
More results

Similar Description - QUATRO4050

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
QUATRO4200 ZORAN-QUATRO4200 Datasheet
128Kb / 2P
   Programmable SOC Solution for Printers and All-in-Ones
QUATRO4230 ZORAN-QUATRO4230 Datasheet
101Kb / 2P
   Programmable SOC Solution for Laser and Inkjet MFPs
QUATRO4110 ZORAN-QUATRO4110 Datasheet
101Kb / 2P
   Programmable SOC Solution for Printing Appliances
QUATRO4100 ZORAN-QUATRO4100 Datasheet
100Kb / 2P
   Programmable SOC Solution for Printing Appliances
logo
Xilinx, Inc
DS187 XILINX-DS187 Datasheet
2Mb / 72P
   Zynq-7000 All Programmable SoC
logo
ATMEL Corporation
ATR4252 ATMEL-ATR4252 Datasheet
368Kb / 10P
   All-in-One IC Solution for Active Antennas
logo
Generalplus Technology ...
GPCV1002A GENERALPLUS-GPCV1002A Datasheet
393Kb / 6P
   Advanced Multimedia Processor SOC Solution
GPCV2159A GENERALPLUS-GPCV2159A Datasheet
295Kb / 18P
   Vehicle Camera Recorder SoC Solution
logo
Xilinx, Inc
DS897 XILINX-DS897 Datasheet
224Kb / 10P
   Zynq-7000 All Programmable SoC Bus Functional Model v2.0
logo
Generalplus Technology ...
GP31P1003A GENERALPLUS-GP31P1003A Datasheet
409Kb / 6P
   Advanced Multimedia Processor SOC Solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com