Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC02MTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC02MTC
Description  Quad 2-Input NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC02MTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC02MTC Datasheet HTML 1Page - Fairchild Semiconductor MM74HC02MTC Datasheet HTML 2Page - Fairchild Semiconductor MM74HC02MTC Datasheet HTML 3Page - Fairchild Semiconductor MM74HC02MTC Datasheet HTML 4Page - Fairchild Semiconductor MM74HC02MTC Datasheet HTML 5Page - Fairchild Semiconductor MM74HC02MTC Datasheet HTML 6Page - Fairchild Semiconductor MM74HC02MTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005294
www.fairchildsemi.com
September 1983
Revised January 2005
MM74HC02
Quad 2-Input NOR Gate
General Description
The MM74HC02 NOR gates utilize advanced silicon-gate
CMOS technology to achieve operating speeds similar to
LS-TTL gates with the low power consumption of standard
CMOS integrated circuits. All gates have buffered outputs,
providing high noise immunity and the ability to drive 10
LS-TTL loads. The 74HC logic family is functionally as well
as pin-out compatible with the standard 74LS logic family.
All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground.
Features
s Typical propagation delay: 8 ns
s Wide power supply range: 2–6V
s Low quiescent supply current: 20
µA maximum
(74HC Series)
s Low input current: 1
µA maximum
s High output current: 4 mA minimum
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. (Tape and Reel not available in N14A.)
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Assignment for DIP, SOIC, SOP and TSSOP
Top View
Logic Diagram
Order Number
Package
Package Description
Number
MM74HC02M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
MM74HC02SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC02MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC02MTCX_NL
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
MM74HC02N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - MM74HC02MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC02MTC FAIRCHILD-MM74HC02MTC Datasheet
77Kb / 6P
   Quad 2-Input NOR Gate
logo
ON Semiconductor
MM74HC02MTC ONSEMI-MM74HC02MTC Datasheet
264Kb / 8P
   Quad 2-Input NOR Gate
March 2015 Rev. 1.4
MM74HC02MTCX ONSEMI-MM74HC02MTCX Datasheet
264Kb / 8P
   Quad 2-Input NOR Gate
March 2015 Rev. 1.4
More results

Similar Description - MM74HC02MTC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com