Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC32 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM74HC32
Description  Quad 2-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC32 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74HC32_05 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC32_05 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC32_05 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC32_05 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC32_05 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC32_05 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC32_05 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to + 7.0V
DC Input Voltage (VIN)
−1.5 to V
CC + 1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC + 0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin
(ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA)
−40
+85
°C
Input Rise or Fall Times
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
V
6.0V
4.2
4.2
V
VIL
Maximum LOW Level
2.0V
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
V
6.0V
1.8
1.8
V
VOH
Minimum HIGH Level
VIN = VIH or VIL
Output Voltage
|IOUT | ≤ 20 µA
2.0V
2.0
1.9
1.9
V
4.5V
4.5
4.4
4.4
V
6.0V
6.0
5.9
5.9
V
VIN = VIH or VIL
| IOUT | ≤ 4.0 mA
4.5V
4.7
3.98
3.84
V
| IOUT | ≤ 5.2 mA
6.0V
5.2
5.48
5.34
V
VOL
Maximum LOW Level
VIN = VIL
Output Voltage
|IOUT | ≤ 20 µA
2.0V
0
0.1
0.1
V
4.5V
0
0.1
0.1
V
6.0V
0
0.1
0.1
V
VIN = VIL
| IOUT | ≤ 4.0 mA
4.5V
0.2
0.26
0.33
V
| IOUT | ≤ 5.2 mA
6.0V
0.2
0.26
0.33
V
IIN
Maximum Input
VIN = VCC or GND
6.0V
±0.1
±1.0
µA
Current
ICC
Maximum Quiescent
VIN = VCC or GND
6.0V
2.0
20
µA
Supply Current
IOUT = 0 µA


Similar Part No. - MM74HC32_05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC32 FAIRCHILD-MM74HC32_08 Datasheet
329Kb / 9P
   Quad 2-Input OR Gate
More results

Similar Description - MM74HC32_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
   Quad 2-Input OR gate
1991 Feb 08
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com