Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0002TR-3000 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AM50-0002TR-3000
Description  Low Noise Amplifier 1.575 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002TR-3000 Datasheet(HTML) 3 Page - Tyco Electronics

  AM50-0002TR-3000 Datasheet HTML 1Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 2Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 3Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 4Page - Tyco Electronics AM50-0002TR-3000 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low Noise Amplifier, 1.575 GHz
AM50-0002
V5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
3
1
1.5
2
2.5
3
1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
Input
Output
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
1.4
1.5
1.52
1.54
1.56
1.58
1.6
Frequency (GHz)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.5
1.52
1.54
1.56
1.58
1.6
Frequency (GHz)
+85C
+25C
-40C
20
21
22
23
24
25
26
27
28
1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
20
21
22
23
24
25
26
27
28
1.3
1.4
1.5
1.6
1.7
1.8
Frequency (GHz)
-40C
+85C
+25C
Typical Performance
Gain vs. Frequency, TA = +25C
Gain vs. Frequency over Temperature
Input IP3 vs. Frequency, TA = +25C
Noise Figure vs. Frequency over
Temperature
Noise Figure vs. Frequency, TA = +25C
VSWR vs. Frequency, TA = +25C
-16
-15.5
-15
-14.5
-14
-13.5
-13
-12.5
-12
1.5
1.52
1.54
1.56
1.58
1.6
Frequency (GHz)


Similar Part No. - AM50-0002TR-3000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002TR-3000 MACOM-AM50-0002TR-3000 Datasheet
211Kb / 3P
   Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM50-0002TR-3000 MA-COM-AM50-0002TR-3000 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

Similar Description - AM50-0002TR-3000

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
   1.575 GHz Antenna
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
   1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com