Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM50-0002SMB Datasheet(PDF) 5 Page - Tyco Electronics

Part # AM50-0002SMB
Description  Low Noise Amplifier 1.575 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM50-0002SMB Datasheet(HTML) 5 Page - Tyco Electronics

  AM50-0002SMB Datasheet HTML 1Page - Tyco Electronics AM50-0002SMB Datasheet HTML 2Page - Tyco Electronics AM50-0002SMB Datasheet HTML 3Page - Tyco Electronics AM50-0002SMB Datasheet HTML 4Page - Tyco Electronics AM50-0002SMB Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Low Noise Amplifier, 1.575 GHz
AM50-0002
V5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
5
FREQ
Fmin[dB]
MAG
ANG
rn
0.750
0.8052
0.8697
26.5001
0.7376
0.800
0.7869
0.8620
27.9959
0.6796
0.850
0.7699
0.8544
29.5150
0.6303
0.900
0.7572
0.8467
31.0675
0.5897
0.950
0.7467
0.8390
32.6540
0.5551
1.000
0.7397
0.8312
34.2760
0.5259
1.050
0.7351
0.8234
35.9319
0.5007
1.100
0.7333
0.8154
37.6196
0.4788
1.150
0.7333
0.8072
39.3353
0.4593
1.200
0.7348
0.7990
41.0771
0.4418
1.250
0.7383
0.7906
42.8431
0.4260
1.300
0.7432
0.7821
44.6308
0.4114
1.350
0.7491
0.7735
46.4387
0.3977
1.400
0.7563
0.7647
48.2651
0.3850
1.450
0.7645
0.7559
50.1090
0.3730
1.500
0.7734
0.7469
51.9696
0.3615
1.550
0.7834
0.7378
53.8492
0.3506
1.600
0.7943
0.7287
55.7432
0.3402
1.650
0.8057
0.7195
57.6514
0.3301
1.700
0.8180
0.7102
59.5725
0.3204
1.750
0.8312
0.7007
61.5065
0.3111
1.800
0.8450
0.6912
63.4539
0.3020
1.850
0.8596
0.6817
65.4128
0.2933
1.900
0.8748
0.6721
67.3846
0.2849
1.950
0.8910
0.6625
69.3678
0.2768
2.000
0.9079
0.6529
71.3635
0.2689
2.050
0.9254
0.6432
73.3575
0.2614
2.100
0.9437
0.6335
75.3681
0.2541
2.150
0.9631
0.6239
77.3914
0.2471
2.200
0.9833
0.6143
79.4309
0.2403
2.250
1.0050
0.6050
81.4808
0.2340
2.300
1.0277
0.5957
83.5485
0.2278
2.350
1.0516
0.5866
85.6304
0.2219
2.400
1.0768
0.5777
87.7262
0.2163
2.450
1.1035
0.5689
89.8387
0.2109
2.500
1.1317
0.5604
91.9643
0.2058
Noise Figures


Similar Part No. - AM50-0002SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0002SMB MACOM-AM50-0002SMB Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
AM50-0002SMB MACOM-AM50-0002SMB Datasheet
214Kb / 5P
   Low Noise Amplifier
AM50-0002SMB MACOM-AM50-0002SMB Datasheet
211Kb / 3P
   Low Noise Amplifier
logo
M/A-COM Technology Solu...
AM50-0002SMB MA-COM-AM50-0002SMB Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
More results

Similar Description - AM50-0002SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
AM50-0002 MACOM-AM50-0002 Datasheet
128Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
M/A-COM Technology Solu...
AM50-0002 MA-COM-AM50-0002 Datasheet
135Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Tyco Electronics
MAALSS0042 MACOM-MAALSS0042 Datasheet
215Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
logo
Johanson Technology Inc...
1575AT43A0040 JOHANSON-1575AT43A0040 Datasheet
375Kb / 3P
   1.575 GHz Antenna
1575AT43A40 JOHANSON-1575AT43A40 Datasheet
317Kb / 3P
   1.575 GHz Antenna
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
   2.4 GHz Low-Noise Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com