Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC240 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HC240
Description  Inverting Octal 3-STATE Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC240 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HC240 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC240 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC240 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC240 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC240 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC240 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC240 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC240 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC 5V, TA 25qC, tr tf 6 ns
AC Electrical Characteristics
VCC 2.0V to 6.0V, CL 50 pF, tr tf 6 ns (unless otherwise specified)
Note 5: CPD determines the no load dynamic power consumption, PD CPD VCC
2 f  I
CC VCC, and the no load dynamic current consumption,
IS CPD VCC f  ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed Limit
Units
tPHL, tPLH
Maximum Propagation Delay
CL 45 pF
12
18
ns
tPZH, tPZL
Maximum Enable Delay
RL 1 k:
14
28
ns
to Active Output
CL 45 pF
tPHZ, tPLZ
Maximum Disable Delay
RL 1 k:
13
25
ns
from Active Output
CL 5 pF
Symbol
Parameter
Conditions
VCC
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation
CL 50 pF
2.0V
55
100
126
149
ns
Delay
CL 150 pF
2.0V
80
150
190
224
ns
CL 50 pF
4.5V
12
20
25
30
ns
CL 150 pF
4.5V
22
30
38
45
ns
CL 50 pF
6.0V
11
17
21
25
ns
CL 150 pF
6.0V
28
26
32
38
ns
tPZH, tPZL Maximum Output Enable
RL 1 k:
TIme
CL 50 pF
2.0V
75
150
189
224
ns
CL 150 pF
2.0V
100
200
252
298
ns
CL 50 pF
4.5V
15
30
38
45
ns
CL 150 pF
4.5V
20
40
50
60
ns
CL 50 pF
6.0V
13
26
32
38
ns
CL 150 pF
6.0V
17
34
43
51
ns
tPHZ, tPLZ Maximum Output Disable
RL 1 k:
2.0V
75
150
189
224
ns
Time
CL 50 pF
4.5V
15
30
38
45
ns
6.0V
13
26
32
38
ns
tTLH, tTHL Maximum Output
2.0V
60
75
90
ns
Rise and Fall Time
4.5V
12
15
18
ns
6.0V
10
13
15
ns
CPD
Power Dissipation
(per buffer)
Capacitance (Note 5)
G
VIH
12
pF
G
VIL
50
pF
CIN
Maximum Input Capacitance
5
10
10
10
pF
COUT
Maximum Output Capacitance
10
20
20
20
pF


Similar Part No. - MM74HC240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC240 FAIRCHILD-MM74HC240 Datasheet
89Kb / 8P
   Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC240 ONSEMI-MM74HC240 Datasheet
209Kb / 10P
   Inverting Octal 3-STATE Buffer
Revised May 2005
logo
Fairchild Semiconductor
MM74HC240MTC FAIRCHILD-MM74HC240MTC Datasheet
89Kb / 8P
   Inverting Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC240MTC ONSEMI-MM74HC240MTC Datasheet
209Kb / 10P
   Inverting Octal 3-STATE Buffer
Revised May 2005
logo
Fairchild Semiconductor
MM74HC240N FAIRCHILD-MM74HC240N Datasheet
89Kb / 8P
   Inverting Octal 3-STATE Buffer
More results

Similar Description - MM74HC240

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
logo
ON Semiconductor
MM74HC540 ONSEMI-MM74HC540 Datasheet
206Kb / 9P
   Inverting Octal 3-STATE Buffer
Revised May 2005
logo
NXP Semiconductors
74ABT540 PHILIPS-74ABT540 Datasheet
111Kb / 10P
   Octal buffer, inverting (3-State)
1998 Jan 16
logo
ON Semiconductor
MM74HCT540 ONSEMI-MM74HCT540 Datasheet
286Kb / 13P
   Inverting Octal 3-STATE Buffer
June 2007 Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com