Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APBA3010SURKSGC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APBA3010SURKSGC
Description  3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APBA3010SURKSGC Datasheet(HTML) 1 Page - Kingbright Corporation

  APBA3010SURKSGC Datasheet HTML 1Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 2Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 3Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 4Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAD1090
REV NO: V.2
DATE: DEC/29/2003
PAGE: 1 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.J.HOU
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.15(0.006") unless otherwise noted.
3. Specifications are subject to change without notice.
Description
The Hyper Red source color devices are made with DH
InGaAlP on GaAs substrate Light Emitting Diode.
The Super Bright Green source color devices are made
with Gallium Phosphide Green Light Emitting Diode.
APBA3010SURKSGC
HYPER RED
SUPER BRIGHT GREEN
3.0mmx1.0mm RIGHT ANGLE SMD CHIP
LED LAMP
Features
3.0mmx1.0mm RIGHT ANGLE SMT LED, 2.0mm
THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLRS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.


Similar Part No. - APBA3010SURKSGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBA3010SURKSGC-F01 KINGBRIGHT-APBA3010SURKSGC-F01 Datasheet
220Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APBA3010SURKSGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APBA3010ESGC-GX KINGBRIGHT-APBA3010ESGC-GX Datasheet
259Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SURCK-GX KINGBRIGHT-APA3010SURCK-GX Datasheet
243Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010YSGC-F01 KINGBRIGHT-APBA3010YSGC-F01 Datasheet
327Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010SURKCGKC-F01 KINGBRIGHT-APBA3010SURKCGKC-F01 Datasheet
343Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APPA3010SECK KINGBRIGHT-APPA3010SECK Datasheet
314Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010SYKCGKC-F01 KINGBRIGHT-APBA3010SYKCGKC-F01 Datasheet
327Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APPA3010ZGCK KINGBRIGHT-APPA3010ZGCK Datasheet
312Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK-GX KINGBRIGHT-APA3010SYCK-GX Datasheet
243Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010EYC-GX KINGBRIGHT-APBA3010EYC-GX Datasheet
274Kb / 6P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010ESGC KINGBRIGHT-APBA3010ESGC Datasheet
221Kb / 5P
   3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com