Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC373WM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC373WM
Description  3-STATE Octal D-Type Latch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC373WM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC373WM Datasheet HTML 1Page - Fairchild Semiconductor MM74HC373WM Datasheet HTML 2Page - Fairchild Semiconductor MM74HC373WM Datasheet HTML 3Page - Fairchild Semiconductor MM74HC373WM Datasheet HTML 4Page - Fairchild Semiconductor MM74HC373WM Datasheet HTML 5Page - Fairchild Semiconductor MM74HC373WM Datasheet HTML 6Page - Fairchild Semiconductor MM74HC373WM Datasheet HTML 7Page - Fairchild Semiconductor MM74HC373WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC
5V, TA 25qC, tr tf 6 ns
AC Electrical Characteristics
VCC
2.0
6.0V, CL 50 pF, tr tf 6 ns (unless otherwise specified)
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL, tPLH
Maximum Propagation Delay, Data to Q CL 45 pF
18
25
ns
tPHL, tPLH
Maximum Propagation Delay, LE to Q
CL 45 pF
21
30
ns
tPZH, tPZL
Maximum Output Enable Time
RL 1 k:
20
28
ns
CL 45 pF
tPHZ, tPLZ
Maximum Output Disable Time
RL 1 k:
18
25
ns
CL 5 pF
tS
Minimum Set Up Time
5ns
tH
Minimum Hold Time
10
ns
tW
Minimum Pulse Width
9
16
ns
Symbol
Parameter
Conditions
VCC
TA 25qCTA 40 to 85qCTA 55 to 125qC
Units
Typ
Guaranteed Limits
tPHL, tPLH Maximum Propagation
CL 50 pF
2.0V
50
150
188
225
ns
Delay, Data to Q
CL 150 pF
2.0V
80
200
250
300
ns
CL 50 pF
4.5V
22
30
37
45
ns
CL 150 pF
4.5V
30
40
50
60
ns
CL 50 pF
6.0V
19
26
31
39
ns
CL 150 pF
6.0V
26
35
44
53
ns
tPHL, tPLH Maximum Propagation
CL 50 pF
2.0V
63
175
220
263
ns
Delay, LE to Q
CL 150 pF
2.0V
110
225
280
338
ns
CL 50 pF
4.5V
25
35
44
52
ns
CL 150 pF
4.5V
35
45
56
68
ns
CL 50 pF
6.0V
21
30
37
45
ns
CL 150 pF
6.0V
28
39
49
59
ns
tPZH, tPZL Maximum Output
RL 1 k:
Enable Time
CL 50 pF
2.0V
50
150
188
225
ns
CL 150 pF
2.0V
80
200
250
300
ns
CL 50 pF
4.5V
21
30
37
45
ns
CL 150 pF
4.5V
30
40
50
60
ns
CL 50 pF
6.0V
19
26
31
39
ns
CL 150 pF
6.0V
26
35
44
53
ns
tPHZ, tPLZ Maximum Output Disable
RL 1 k:
2.0V
50
150
188
225
ns
Disable Time
CL 50 pF
4.5V
21
30
37
45
ns
6.0V
19
26
31
39
ns
tS
Minimum Set Up Time
2.0V
50
60
75
ns
4.5V
9
13
15
ns
6.0V
9
11
13
ns
tH
Minimum Hold Time
2.0V
5
5
5
ns
4.5V
5
5
5
ns
6.0V
5
5
5
ns
tW
Minimum Pulse Width
2.0V
30
80
100
120
ns
4.5V
10
16
20
24
ns
6.0V
9
14
18
20
ns
tTHL, tTLH Maximum Output Rise
CL 50 pF
2.0V
25
60
75
90
ns
and Fall Time
4.5V
7
12
15
18
ns
6.0V
6
10
13
15
ns
CPD
Power Dissipation
(per latch)
Capacitance (Note 5)
OC
VCC
30
pF
OC
GND
50
pF
CIN
Maximum Input Capacitance
5
10
10
10
pF


Similar Part No. - MM74HC373WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC373WM FAIRCHILD-MM74HC373WM Datasheet
91Kb / 7P
   3-STATE Octal D-Type Latch
logo
ON Semiconductor
MM74HC373WM ONSEMI-MM74HC373WM Datasheet
208Kb / 10P
   3-STATE Octal D-Type Latch
Revised May 2005
More results

Similar Description - MM74HC373WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573 Datasheet
88Kb / 8P
   3-STATE Octal D-Type Latch
logo
KODENSHI_AUK CORP.
KK74VHCT373 KODENSHI-KK74VHCT373 Datasheet
317Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HCT373 ONSEMI-MM74HCT373 Datasheet
230Kb / 12P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Integral Corp.
IN74VHCT373 INTEGRAL-IN74VHCT373 Datasheet
302Kb / 8P
   Octal d-type latch (3-state)
logo
ON Semiconductor
MM74HC573 ONSEMI-MM74HC573 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Latch
Revised May 2005
logo
Fairchild Semiconductor
MM74HC573WMX FAIRCHILD-MM74HC573WMX Datasheet
104Kb / 8P
   3-STATE Octal D-Type Latch
MM74HC373 FAIRCHILD-MM74HC373 Datasheet
91Kb / 7P
   3-STATE Octal D-Type Latch
logo
IK Semicon Co., Ltd
IN74VHCT373 IKSEMICON-IN74VHCT373 Datasheet
306Kb / 8P
   Octal d-type latch (3-state)
logo
Fairchild Semiconductor
MM74HC573 FAIRCHILD-MM74HC573_05 Datasheet
103Kb / 8P
   3-STATE Octal D-Type Latch
logo
ON Semiconductor
MM74HC373 ONSEMI-MM74HC373 Datasheet
208Kb / 10P
   3-STATE Octal D-Type Latch
Revised May 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com