Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2842 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT2842
Description  High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2842 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT2842 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2842 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AAT2842
High-Current Charge Pump with S2Cwire™
Control and Dual LDO for Backlight and Flash
4
2842.2006.10.1.0
Absolute Maximum Ratings1
Thermal Information2
Symbol
Description
Value
Units
PD
Maximum Power Dissipation3
2W
θJA
Maximum Thermal Resistance
50
°C/W
Symbol
Description
Value
Units
IN, OUT, FL1, FL2, FL3, FL4, BL1, BL2, BL3, BL4 Voltage to AGND
-0.3 to 6.0
V
C1+, C1-, C2+, C2- Voltage to AGND
-0.3 to VOUT + 0.3
V
BSET, FSET, CT, FBB, OUTA, FBA, OUTB, ENL, REF, FENS, BENS
-0.3 to VIN + 0.3
V
Voltage to AGND
PGND Voltage to AGND
-0.3 to 0.3
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions
other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 circuit board.
3. Derate 20mW°C above 40°C ambient temperature.


Similar Part No. - AAT2842

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2842 ANALOGICTECH-AAT2842 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842IBJ-EE-T1 ANALOGICTECH-AAT2842IBJ-EE-T1 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842INJ-EE-T1 ANALOGICTECH-AAT2842INJ-EE-T1 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
More results

Similar Description - AAT2842

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846 ANALOGICTECH-AAT2846_08 Datasheet
1Mb / 22P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
AAT2848 ANALOGICTECH-AAT2848 Datasheet
2Mb / 19P
   High-Current Charge Pump For Backlight Display and Flash Applications
AAT2856 ANALOGICTECH-AAT2856 Datasheet
491Kb / 22P
   High Current Charge Pump with Dual LDO for BacklightApplications
logo
Semtech Corporation
SC656 SEMTECH-SC656 Datasheet
547Kb / 17P
   Backlight Driver for 7 LEDs with Charge Pump and PWM Control
SC652 SEMTECH-SC652 Datasheet
287Kb / 16P
   Backlight Driver for 5 LEDs with Charge Pump and PWM Control
logo
SiGe Semiconductor, Inc...
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
   Multi-Mode Charge Pump For White LED Backlight and Flash Applications
logo
Advanced Analogic Techn...
AAT2801 ANALOGICTECH-AAT2801 Datasheet
747Kb / 20P
   Multi-Mode Charge Pump for White LED Backlight and Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com