Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1974 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1974
Description  4 ADC with PLL, 192 kHz, 24-Bit Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1974 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1974 Datasheet HTML 4Page - Analog Devices AD1974 Datasheet HTML 5Page - Analog Devices AD1974 Datasheet HTML 6Page - Analog Devices AD1974 Datasheet HTML 7Page - Analog Devices AD1974 Datasheet HTML 8Page - Analog Devices AD1974 Datasheet HTML 9Page - Analog Devices AD1974 Datasheet HTML 10Page - Analog Devices AD1974 Datasheet HTML 11Page - Analog Devices AD1974 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD1974
Rev. 0 | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
AGND
1
MCLKI/XI
2
MCLKO/XO
3
AGND
4
AVDD
5
NC
6
NC
7
NC
NC = NO CONNECT
8
NC
9
PD/RST 10
NC 11
DGND 12
AGND
36
FILTR
35
AGND
34
AVDD
33
AGND
32
NC
31
NC
30
NC
29
NC
28
CLATCH
27
CCLK
26
DGND
25
AD1974
TOP VIEW
(Not to Scale)
SINGLE-ENDED
OUTPUT
Figure 2. AD1974 Single-Ended Output, 48-Lead LQFP Pin Configuration
Table 10. Pin Function Description
Pin No.
Type1
Mnemonic
Description
1, 4, 32, 34, 36
I
AGND
Analog Ground.
2
I
MCLKI/XI
Master Clock Input/Crystal Oscillator Input.
3
O
MCLKO/XO
Master Clock Output/Crystal Oscillator Output.
5, 33, 37, 48
I
AVDD
Analog Power Supply. Connect to analog 3.3 V supply.
6 to 9, 11, 16, 28 to 31
NC
No Connect.
10
I
PD/RST
Power-Down/Reset (Active Low).
12, 25
I
DGND
Digital Ground.
13
I
DVDD
Digital Power Supply. Connect to digital 3.3 V supply.
14
I/O
AUXDATA2
Auxiliary Data Input 2 (From External ADC 2).
15
I/O
AUXDATA1
Auxiliary Data Input 1 (From External ADC 1).
17
I/O
AUXBCLK
Auxiliary Bit Clock.
18
I/O
AUXLRCLK
Auxiliary Left-Right Framing Clock.
19
I/O
ASDATA2
ADC Serial Data Output 2 (ADC 2 Left and ADC 2 Right)/ADC TDM Data Input.
20
O
ASDATA1
ADC Serial Data Output 1 (ADC 1 Left and ADC 1 Right)/ADC TDM Data Output.
21
I/O
ABCLK
Serial Bit Clock for ADCs.
22
I/O
ALRCLK
Left-Right Framing Clock for ADCs.
23
I
CIN
Control Data Input (SPI).
24
I/O
COUT
Control Data Output (SPI).
26
I
CCLK
Control Clock Input (SPI).
27
I
CLATCH
Latch Input for Control Data (SPI).
35
O
FILTR
Voltage Reference Filter Capacitor Connection. Bypass with 10 μF||100 nF to AGND.
38
O
CM
Common-Mode Reference Filter Capacitor Connection. Bypass with 47 μF||100 nF to AGND.
39
I
ADC1LP
ADC1 Left Positive Input.
40
I
ADC1LN
ADC1 Left Negative Input.
41
I
ADC1RP
ADC1 Right Positive Input.
42
I
ADC1RN
ADC1 Right Negative Input.
43
I
ADC2LP
ADC2 Left Positive Input.


Similar Part No. - AD1974

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1974 AD-AD1974 Datasheet
392Kb / 24P
   4 ADC with PLL
AD1974WBSTZ AD-AD1974WBSTZ Datasheet
392Kb / 24P
   4 ADC with PLL
AD1974WBSTZ-RL AD-AD1974WBSTZ-RL Datasheet
392Kb / 24P
   4 ADC with PLL
AD1974YSTZ AD-AD1974YSTZ Datasheet
392Kb / 24P
   4 ADC with PLL
AD1974YSTZ-RL AD-AD1974YSTZ-RL Datasheet
392Kb / 24P
   4 ADC with PLL
More results

Similar Description - AD1974

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com